Electronic Components Datasheet Search
  English  ▼

X  

ESD040218P080 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # ESD040218P080
Description  Ultra Low Capacitance ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESD040218P080 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  ESD040218P080 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESD040218P080 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESD040218P080 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd ESD040218P080 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESD0402**P***
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (T =25°C)
ESD040205P015
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off
Voltage
VRWM
5.0
V
Trigger voltage(VT)
VT
300
V
Reverse Leakage
Current
IR
VR =VRWM
1
μ
A
Clamping Voltage
VC
IPP=1A,
tP = 8/20μs
30
V
Junction Capacitance
CJ
VR=0V, f = 1MHz
0.15
pF
ESD040208P030
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off
Voltage
VRWM
8.0
V
Trigger voltage(VT)
VT
300
V
Reverse Leakage
Current
IR
VR =VRWM
1
μ
A
Clamping Voltage
VC
IPP=1A,
tP = 8/20μs
45
V
Junction Capacitance
CJ
VR=0V, f = 1MHz
0.30
pF
ESD040212P060
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off
Voltage
VRWM
12
V
Trigger voltage(VT)
VT
300
V
Reverse Leakage
Current
IR
VR =VRWM
1
μ
A
Clamping Voltage
VC
IPP=1A,
tP = 8/20μs
50
V
Junction Capacitance
CJ
VR=0V, f = 1MHz
0.60
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com