Electronic Components Datasheet Search
  English  ▼

X  

LSF0102DCTR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102DCTR
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCTR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LSF0102DCTR Datasheet HTML 32Page - Texas Instruments LSF0102DCTR Datasheet HTML 33Page - Texas Instruments LSF0102DCTR Datasheet HTML 34Page - Texas Instruments LSF0102DCTR Datasheet HTML 35Page - Texas Instruments LSF0102DCTR Datasheet HTML 36Page - Texas Instruments LSF0102DCTR Datasheet HTML 37Page - Texas Instruments LSF0102DCTR Datasheet HTML 38Page - Texas Instruments LSF0102DCTR Datasheet HTML 39Page - Texas Instruments LSF0102DCTR Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
D: Max =
E: Max =
1.918 mm, Min =
0.918 mm, Min =
1.858 mm
0.858 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com