Electronic Components Datasheet Search
  English  ▼

X  

FJB3307DTM Datasheet(PDF) 3 Page - ON Semiconductor

Part # FJB3307DTM
Description  High-Voltage Fast-Switching NPN Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJB3307DTM Datasheet(HTML) 3 Page - ON Semiconductor

  FJB3307DTM Datasheet HTML 1Page - ON Semiconductor FJB3307DTM Datasheet HTML 2Page - ON Semiconductor FJB3307DTM Datasheet HTML 3Page - ON Semiconductor FJB3307DTM Datasheet HTML 4Page - ON Semiconductor FJB3307DTM Datasheet HTML 5Page - ON Semiconductor FJB3307DTM Datasheet HTML 6Page - ON Semiconductor FJB3307DTM Datasheet HTML 7Page - ON Semiconductor FJB3307DTM Datasheet HTML 8Page - ON Semiconductor FJB3307DTM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.1.0
2
Thermal Characteristics
Electrical Characteristics(2)
Values are at TA = 25°C unless otherwise noted.
Note:
2. Pulse test: pw = 300 µs, duty cycle = 2%.
hFE Classification
Symbol
Parameter
Value
Units
PD
Total Device Dissipation
TA = 25°C
1.72
W
TC = 25°C
80
W
Rθja
Thermal Resistance, Junction to Ambient
72.5
°C/W
Rθjc
Thermal Resistance, Junction to Case
1.56
°C/W
Symbol
Parameter
Conditions
Min.
Typ. Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 500 µA, IE = 0
700
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5 mA, IB = 0
400
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 500 µA, IC = 0
9
V
IEBO
Emitter Cut-Off Current
VEB = 9 V, IC = 0
1
mA
hFE1
DC Current Gain
VCE = 5 V, IC = 2 A
8
40
hFE2
VCE = 5 V, IC = 5 A
5
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 2 A, IB = 0.4 A
1
V
IC = 5 A, IB = 1 A
2
V
IC = 5 A, IB = 1 A, TA = 100°C
3
V
IC = 8 A, IB = 2 A
3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 2 A, IB = 0.4 A
1.2
V
IC = 5 A, IB = 1 A
1.6
V
IC = 5 A, IB = 1 A, TA = 100°C
2.0
V
VF
Diode Forward Voltage
IC = 3 A
2.5
V
Cob
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
60
pF
tSTG
Storage Time
VCC = 125 V, IC = 5 A,
IB1 = -IB2 = 1 A, RL = 50 Ω
3.0
µs
tF
Fall Time
0.7
µs
tSTG
Storage Time
VCC = 30 V, IC = 5 A, L=200 µH
IB1=1 A, RBB = 0 Ω,
VBE(OFF)= -5 V,
VCLAMP = 250 V
2.3
µs
tF
Fall Time
150
ns
Classification
H1
H2
hFE1
15 ~ 28
26 ~ 39



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com