Electronic Components Datasheet Search
  English  ▼

X  

BTP981 Datasheet(PDF) 1 Page - Silicon Supplies

Part # BTP981
Description  PNP Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BTP981 Datasheet(HTML) 1 Page - Silicon Supplies

  BTP981 Datasheet HTML 1Page - Silicon Supplies BTP981 Datasheet HTML 2Page - Silicon Supplies BTP981 Datasheet HTML 3Page - Silicon Supplies BTP981 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
PNP Transistor Bare Die ‐ BTP981
 
 
 
 
 
General purpose high voltage switch in bare die form
Complement to NPN BTN991
High Voltage: VCEO = -600V
High Speed: tf ≤ 1µs
 
Characterized at temperature extremes
 
Silver backside metalization for solder attach
 
Rev 1.0
02/09/17
Features:
Die Dimensions in µm (mils)
Ordering Information:
 
 
 
 
 
The following part suffixes apply:
No suffix - MIL-STD-750 /2072 Visual Inspection
“H” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class K LAT
 
LAT = Lot Acceptance Test.
 
 
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
132
(5.20)
104
(5.20)
B
E
1200 (47.24)
DIE BACK = COLLECTOR
E = EMITTER B = BASE
 
 
Supply Formats:
Mechanical Specification
 
Default – Die in Waffle Pack (400 per tray capacity)
Die Size
(Excluding Saw Street)
1200 x 1200
47.24 x 47.24
µm
mils
 
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
104 x 132
Base Pad Size
3.94 x 3.94
µm
mils
132 x 116
Emitter Pad Size
 
3.94 x 3.94
With additional electrical selection – Specific request
Die Thickness
230 (±20)
9.06 (±0.79)
µm
mils
Top Metal Composition
 
Sawn as pairs or adjacent pair pick – Specific request
Al
 
Back Metal Composition
Ti/Ni/Ag
Page 1 of 4 
www.siliconsupplies.com


Similar Part No. - BTP981

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTP9050N3-0-T1-G CYSTEKEC-BTP9050N3-0-T1-G Datasheet
281Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
PNP Epitaxial Planar Power Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
PNP Epitaxial Planar High Current (High Performance) Transistor
More results

Similar Description - BTP981

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
TIP42C SS-TIP42C_V01 Datasheet
315Kb / 2P
PNP Transistor Bare Die
Rev 1.1 22/08/23
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP127 SS-TIP127 Datasheet
210Kb / 2P
PNP Transistor Bare Die
Rev 1.0 19/12/23
TIP32C SS-TIP32C Datasheet
217Kb / 2P
PNP Transistor Bare Die
Rev 1.0 22/08/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com