Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 2N7002
Description  Small Signal MOSFET Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N7002 Datasheet(HTML) 3 Page - Silicon Supplies

  2N7002 Datasheet HTML 1Page - Silicon Supplies 2N7002 Datasheet HTML 2Page - Silicon Supplies 2N7002 Datasheet HTML 3Page - Silicon Supplies 2N7002 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
 
 
 
 
 
 
Rev 1.0
02/26/18
Small‐Signal MOSFET Bare Die ‐ 2N7002
Typical Electrical Characteristics
Electrical Characteristics T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Maximum Continuous Drain-Source
Diode Forward Current
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Fig 1 – On‐Region Characteristics
Fig 2 – On‐Resistance Variation with Gate 
Voltage and Drain Current 
Fig 3 – On‐Resistance Variation with 
Temperature 
Fig 4 – On‐Resistance Variation with Drain 
Current and Temperature 
IS
-
-
-
115
mA
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
-
800
mA
Drain-Source Diode Forward Voltage
4
VSD
VS = 0V, IS = 115mA
-
-
100
nA
Page 3 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com