Electronic Components Datasheet Search
  English  ▼

X  

BCT5021 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # BCT5021
Description  BCT series power distribution current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

BCT5021 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  BCT5021 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCT series power distribution current transformer
Model:BCT5021
BCT series are the current transformer which are designed
for Industrial enquipment
Technical index:
Mounting type:Sub-plate / suspending / din-rail type
Output current:0.1A、1A、5A(can be customerized)
core material:Silicon steel
Installation place:Indoor
Flame resistance: :UL94-V0
Working temperature:-35℃~+85℃
Storage temperature:-45℃~+95℃
Altitude:≤1000m
atmospheric conditions:no serious pollution
Dielectric strength:AC 3KV/1min 50Hz(secondary/shell)
Electrical Index:
Dimension(in mm):
Connect diagram:
www.poweruc.com
IP
P1
P2
S1
S2
0.5
1
50
20.5
33.5
1
1.5
2.5
3.75
3.75
1
1.5
2.5
3.75
3.75
2
2.5
3.75
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
50A/5A
75A/5A
100A/5A
150A/5A
200A/5A
50A/1A
75A/1A
100A/1A
150A/1A
200A/1A
50A/0.1A
100A/0.1A
150A/0.1A
200A/0.1A
---
0.75
1.5
2.5
2.5
0.5
0.75
1.5
2.5
2.5
1.5
2.5
2.5
3.75
0.2S
---
---
---
1.5
2
---
---
---
---
---
---
---
---
---
0.5S
---
---
---
1.5
2
---
---
---
---
---
---
---
---
---
0.2
---
---
---
1.5
2
---
---
---
---
1.5
---
1.5
2
2.5
turn ratios
A
Turns of
through
hole
Rated output(VA)
Front View
Bent lug size View
Installation diagram of clamp rail
42
60
"With 35mm standard rail"


Similar Part No. - BCT5021

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BCT5-S18-UN6X2-H1151 TURCK-BCT5-S18-UN6X2-H1151 Datasheet
164Kb / 3P
Capacitive Sensor
11/07/2023
BCT5-S18-UN6X2T-H1151 TURCK-BCT5-S18-UN6X2T-H1151 Datasheet
166Kb / 3P
Capacitive Sensor
11/07/2023
BCT5-S18-UP6X2T-H1151 TURCK-BCT5-S18-UP6X2T-H1151 Datasheet
166Kb / 3P
Capacitive Sensor
11/07/2023
logo
Texas Instruments
BCT541A TI1-BCT541A Datasheet
1Mb / 27P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
BCT574 TI-BCT574 Datasheet
567Kb / 18P
OCTAL TRANSPARENT D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - BCT5021

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
BCT6130 YHDC-BCT6130 Datasheet
598Kb / 1P
BCT series power distribution current transformer
BCT8041 YHDC-BCT8041 Datasheet
602Kb / 1P
BCT series power distribution current transformer
BCT10260 YHDC-BCT10260 Datasheet
997Kb / 1P
BCT series power distribution current transformer
BCT145100 YHDC-BCT145100 Datasheet
720Kb / 1P
BCT series power distribution current transformer
BH-0.72-30 YHDC-BH-0.72-30 Datasheet
4Mb / 1P
BH series power distribution current transformer
BH-0.72-40 YHDC-BH-0.72-40 Datasheet
677Kb / 1P
BH series power distribution current transformer
BH-0.72-50 YHDC-BH-0.72-50 Datasheet
690Kb / 1P
BH series power distribution current transformer
BH-0.72-60 YHDC-BH-0.72-60 Datasheet
702Kb / 1P
BH series power distribution current transformer
BH-0.72-60X30 YHDC-BH-0.72-60X30 Datasheet
672Kb / 1P
BH series power distribution current transformer
BH-0.72-100 YHDC-BH-0.72-100 Datasheet
1Mb / 1P
BH series power distribution current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com