Electronic Components Datasheet Search
  English  ▼

X  

PE15A63005 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A63005
Description  1.2 dB NF Input Protected Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A63005 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A63005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
TECHNICAL DATA SHEET
PE15A63005
PE15A63005 REV 1.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
800
880
960
1040
1120
1200
1280
1360
1440
1520
1600
dB
MHz
Noise Figure
1.2 dB NF Input Protected Low Noise Amplifier, Operating from 900 MHz to 1.2 GHz with 40 dB Gain, 10 dBm P1dB and SMA
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.2 dB NF Input Protected Low Noise Amplifier, Operating from 900 MHz to 1.2 GHz with 40 dB
Gain, 10 dBm P1dB and SMA PE15A63005
URL: https://www.pasternack.com/40-db-gain-1.2-db-1.2-ghz-low-noise-amplifier-sma-pe15a63005-p.aspx
1.2 dB NF Input Protected Low Noise Amplifier, Operating from
900 MHz to 1.2 GHz with 40 dB Gain, 10 dBm P1dB and SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com