Electronic Components Datasheet Search
  English  ▼

X  

CD9015 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD9015
Description  PNP SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD9015 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD9015 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD9015 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD9015 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR TRANSISTOR
CD9015
TO-92
CBE
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
50
V
Collector -Base Voltage
VCBO
50
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
50
-
-
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
50
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
-
50
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
50
nA
DC Current Gain
hFE
IC=1mA,VCE=5V
60
-
1000
Collector Emitter Saturation Voltage
VCE(Sat)
IC=100mA,IB=5mA
-
-
0.70
V
Emitter Base Saturation Voltage
VBE(Sat)
IC=100mA,IB=5mA
-
-
1.0
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V,f=1MHz
-
-
3.50
pF
Transition Frequency
ft
VCE=5V,IC=10mA,
125
-
-
MHz
f=100MHz
Noise Figure
NF
VCE=5V, IC=200uA
-
-
4.0
dB
f=1KHz
hFE CLASSIFICATION
A : 60-150,
B : 100-300,
C : 200-600,
D : 400-1000,
D1 : 400-630,
D2 : 570-840,
D3 : 760-1000,
E : >800
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CD9015

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD9015 CDIL-CD9015 Datasheet
171Kb / 3P
PNP SILICON PLANAR TRANSISTOR
More results

Similar Description - CD9015

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
PNP SILICON PLANAR TRANSISTOR
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com