Electronic Components Datasheet Search
  English  ▼

X  

AS394H Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS394H
Description  Matched NPN transistor pair
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS394H Datasheet(HTML) 1 Page - JSC ALFA.

  AS394H Datasheet HTML 1Page - JSC ALFA. AS394H Datasheet HTML 2Page - JSC ALFA. AS394H Datasheet HTML 3Page - JSC ALFA. AS394H Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.2
1
AS194
AS394
Matched NPN transistor pair
Features
• "Ideal" and identical transistors
• Common-mode rejection ratio
• Emitter-base offset voltage
150
мкВ
• Emitter-base offset voltage
temperature drift
1
мкВ /
оС
• Current gain (h
FE) matched
0,96
• Parameters are guaranteed in
the range of collector current of
• Noise Voltage Density of
• Ideal logarithmic properties
> 120dB
<
100µV
0,1µV/
о
C
< 2%
10µА tо 1mА
1,8 nV /
Hz
AS194H,
AS394H,
AS394CH
AS194DE
AS394DE,
AS394CDE
General Description
The AS194 and AS394 are junction isolated ultra well-matched monolithic NPN transistor pairs with an
order of magnitude improvement in matching over conventional transistor pairs.
Electrical characteristics of these devices such as drift versus initial offset voltage, noise, and the
exponential relationship of base-emitter voltage to collector current closely approach those of a theoretical
transistor. Extrinsic base and emitter resistances is very low, giving very low noise and operating over a wide
current range.
To guarantee long term stability of matching parameters, internal clamp diodes have been added across
the emitter-base junction of each transistor. These prevent degradation due to reverse biased emitter current-
the most common cause of field failures in matched devices. The parasitic isolation junction formed by the
diodes also clamps the substrate region to the most negative emitter to ensure complete isolation between
devices.
The AS194H, AS394H, AS394CH are available in the 8-pin metal can TO5-8 package and the AS394DE
and AS394CDE in the 8-lead plastic SOIC-8 (150mil) EPAD package.
Connection Diagram
Pin Information
Top View
Pins number
Package type
Symbol
Description
8
C2
C1
B2
B1
E2
E1
2
3
1
8
7
4
5
6
C2
NC
B2
B1
E2
E1
2
3
1
8
7
4
5
6
C1
NC
TO5-8
SOIC-8/
EPAD
1
4
NC
Not connected
2
1
C1
Collector1
3
2
B1
Base1
4
3
E1
Emitter1
5
5
NC
Not connected
AS194H,
AS394H,
AS394CH
AS194DE
AS394DE,
AS394CDE
6
6
E2
Emitter2
7
7
B2
Base2
8
8
C2
Collector2
Metal Can Package
(ТО5-8)
SOIC-8 (150mil) / EPAD
EPAD
Isolated from
Substrate
Simplified schematics of AS194/394


Similar Part No. - AS394H

ManufacturerPart #DatasheetDescription
logo
JSC ALFA.
AS394-HYB ALFA-AS394-HYB Datasheet
546Kb / 1P
AS194-HYB , AS394-HYB matched monolithic NPN transistor pair module
More results

Similar Description - AS394H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST45011MW6T1G ONSEMI-NST45011MW6T1G Datasheet
154Kb / 5P
Dual Matched General Purpose Transistor NPN Matched Pair
October, 2009 ??Rev. 1
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
logo
JSC ALFA.
AS394-HYB ALFA-AS394-HYB Datasheet
546Kb / 1P
AS194-HYB , AS394-HYB matched monolithic NPN transistor pair module
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
NPN/NPN matched double transistor
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
NPN/NPN matched double transistor
27 December 2022
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
logo
Diodes Incorporated
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com