Electronic Components Datasheet Search
  English  ▼

X  

AS620 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS620
Description  Low Cost Low Power Instrumentation Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS620 Datasheet(HTML) 1 Page - JSC ALFA.

  AS620 Datasheet HTML 1Page - JSC ALFA. AS620 Datasheet HTML 2Page - JSC ALFA. AS620 Datasheet HTML 3Page - JSC ALFA. AS620 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS
“АLFA RPAR”
AS620
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
1
Low Cost Low Power Instrumentation Amplifier
Block diagram AS620
FEATURES
-Pin-to-pin compatible with industry standard AD620
EASY TO USE
-Gain Set with One External Resistor :
G= 1 + (49,4 kΩ/RG) (Gain Range 1 to 1000)
-Wide Power Supply Range (±2.3 V to ±18 V)
-Higher Performance than Three Op Amp IA Designs
-Available in 8-Lead SOIC Packaging
-Low Power
EXCELLENT DC PERFORMANCE (“B GRADE”)
-50 µV max, Input Offset Voltage
-0.6µV/°C max, Input Offset Drift
-0,8 nA max, Input Bias Current
-100 dB min Common-Mode Rejection Ratio (G = 10)
LOW NOISE
-9 nV/Hz 0,5, @ 1 kHz, Input Voltage Noise
-0.28 µV p-p Noise (0.1 Hz to 10 Hz)
APPLICATIONS
-Weigh Scales
-ECG and Medical Instrumentation
-Transducer Interface
-Data Acquisition Systems
-Industrial Process Controls
-Battery Powered and Portable Equipment
CONNECTION DIAGRAM
DIP-8, SOIC-8 Packages
R
G
-V
S
+V
S
R
G
-IN
+IN
OUTPUT
REF
1
8
7
6
5
2
3
4
AS620
TOP VIEW
AS620AR, AS620BR: SOIC-8
AS620AN, AS620BN: DIP-8


Similar Part No. - AS620

ManufacturerPart #DatasheetDescription
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
The AS6200 IC is a high accuracy temperature sensor system
AS6200 AMSCO-AS6200 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
AS6200-AWLT-L AMSCO-AS6200-AWLT-L Datasheet
709Kb / 35P
The AS6200 IC is a high accuracy temperature sensor system
AS6200-AWLT-S AMSCO-AS6200-AWLT-S Datasheet
709Kb / 35P
The AS6200 IC is a high accuracy temperature sensor system
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
More results

Similar Description - AS620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
Low Cost, Low Power Instrumentation Amplifier
AD622 AD-AD622 Datasheet
151Kb / 11P
Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_05 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620 AD-AD620_04 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
AD622 AD-AD622_1 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_15 Datasheet
491Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
AD620 AD-AD620_16 Datasheet
483Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_16 Datasheet
348Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com