Electronic Components Datasheet Search
  English  ▼

X  

AP3216SGC Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP3216SGC
Description  3.2 x 1.6 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP3216SGC Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP3216SGC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP3216SGC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP3216SGC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP3216SGC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAB1128 / 1203000404 Rev No: V.15B Date: 11/30/2018
Page 1 / 4
DESCRIPTION
The Super Bright Green source color devices are
made with Gallium Phosphide Green Light Emitting
Diode
FEATURES
3.2 mm x 1.6 mm SMD LED, 1.1 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
PACKAGE DIMENSIONS
SELECTION GUIDE
AP3216SGC
3.2 x 1.6 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AP3216SGC
■ Super Bright Green
(GaP)
Water Clear
5
12
160
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.0079") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AP3216SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP3216SGC KINGBRIGHT-AP3216SGC Datasheet
141Kb / 5P
3.2x1.6mm SMD CHIP LED LAMPS
AP3216SGC KINGBRIGHT-AP3216SGC Datasheet
107Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
AP3216SGC KINGBRIGHT-AP3216SGC_05 Datasheet
107Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - AP3216SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTD3216LCGCK KINGBRIGHT-APTD3216LCGCK Datasheet
302Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPTD-3216ZGC TO-GRACE-KPTD-3216ZGC Datasheet
836Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216SURCK TO-GRACE-KPTD-3216SURCK Datasheet
886Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216SECK TO-GRACE-KPTD-3216SECK Datasheet
860Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
KP-3216SECK TO-GRACE-KP-3216SECK Datasheet
802Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
KP-3216SGC TO-GRACE-KP-3216SGC Datasheet
804Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
KP-3216SYCK TO-GRACE-KP-3216SYCK Datasheet
803Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
AP3216YC TO-GRACE-AP3216YC Datasheet
387Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
APTD3216CGCK TO-GRACE-APTD3216CGCK Datasheet
841Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
APTD3216QBC-D TO-GRACE-APTD3216QBC-D Datasheet
834Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com