Electronic Components Datasheet Search
  English  ▼

X  

AS2164 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS2164
Description  Quad voltage exponentially controlled amplifier (VCA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS2164 Datasheet(HTML) 2 Page - JSC ALFA.

  AS2164 Datasheet HTML 1Page - JSC ALFA. AS2164 Datasheet HTML 2Page - JSC ALFA. AS2164 Datasheet HTML 3Page - JSC ALFA. AS2164 Datasheet HTML 4Page - JSC ALFA. AS2164 Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
2
AS2164
Absolute Maximum Ratings
Unless otherwise specified, Tamb= 25
oC
Parameter
Symbol
Value
Unit
Supply voltage
Vcc, Vee
+18, -18
V
Input, Output, Control voltages
Vin, Vout, VCA
V- ~ V+
V
Output Short Circuit Duration to GND
Indefinite
S
Storage Temperature Range
Tstg
-65~+150
oC
Operating Temperature Range
Topr
-40~+85
oC
Junction Temperature Range
Tj
-65~+150
oC
Lead Temperature Range (Soldering 60 sec)
+300
oC
Electrical Characteristics
Unless otherwise specified: Tamb = 25
oC,V
CC=+15V,VEE=-15V,AV=0dB,VIN=0dBμ,RIN=ROUT=30kΩ,
f=1kHz, using Typical Application Circuit (Class AB)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
POWER SUPPLY
Supply Voltage Range
Vcc, Vee
±4
±18
V
Supply Current
ICCQ
Class AB
7,5
8,5
mA
Supply Current
Iee
Class A
8
mA
Power Supply Rejection
Ratio
PSRR
60Hz
90
dB
CONTROL PORTS
Input Impedance
RIN
5
k
Ω
Gain Constant
GC
After 60 seconds of
operation
-27
-33
-36
mV/dB
Gain Constant Temp.
Coefficient
GCT
-3300
ppm/°C
Control Feedthrough
VCF
Av = 0dB to -40dB
-8,5
1,5
8,5
mV
Gain Accuracy
G
Av = 0dB
±0.30
dB
Av = +20dB
±0.55
dB
Av = -20dB
±0.55
dB
Channel-to-Channel Gain
Matching
GM
Av = 0dB
0,07
0.1
dB
Av = -40dB
0,24
0.5
dB
Maximum Attenuation
GA
90
-110
200
dB
Maximum Gain
GMAX
17
22
23
dB
SIGNAL INPUTS
Input Bias Current
IIB
±10
nA
Input Current Handling
IIH
2
mA
SIGNAL OUTPUTS
Output Offset Current
IIO
Vin = 0
±60
nA
Output Compliance
VOD
±100
mV
PERFORMANCE
Output Noise
VNO
Class AB
Rin/out = 30k
Ω
-93
dB
µ
Rin/out = 20k
Ω
-96
dB
µ
Rin/out = 10k
Ω*
-100
dB
µ
Rin/out = 7.5k
Ω*
-101
dB
µ
Class A
Rin/out = 30k
Ω
-80.5
dB
µ
Rin/out = 20kΩ
-84
dBµ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com