Electronic Components Datasheet Search
  English  ▼

X  

AS2164D Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS2164D
Description  Quad voltage exponentially controlled amplifier (VCA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS2164D Datasheet(HTML) 3 Page - JSC ALFA.

  AS2164D Datasheet HTML 1Page - JSC ALFA. AS2164D Datasheet HTML 2Page - JSC ALFA. AS2164D Datasheet HTML 3Page - JSC ALFA. AS2164D Datasheet HTML 4Page - JSC ALFA. AS2164D Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
3
AS2164
Electrical Characteristics Continued
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rin/out = 10kQ*
-90
dB
µ
Rin/out = 7.5kQ*
-92
dB
µ
Headroom
HR
Clip point=1%THD+N
22
dB
µ
Total Harmonic Distortion
THD
Class AB (80kHz BW, f=1kHz)
Av = 0dB
0,058
%
AV = 0dB, VIN = -15dBu
0,037
%
Av = +20dB, Vin= -10dBu
0,17
%
Av = -20dB, Vin=+10dBu
0,15
%
Class A(BW80kHz,f=1kHz)
Av = 0dB
0,02
0,1
%
AV = 0dB, VIN= -7dBu
0,025
%
Av = +20dB, Vin=-10dBu
0,045
%
Av = -20dB, Vin=+10dBu
0,118
%
Channel Separation
Sep
-110
dB
Unity Gain Bandwidth
GB
CF =10pF
500
kHz
Slew Rate
SR
CF =10pF
700
µA/µs
* Requires changes to input RC compensation network which will be advised in a future data sheet update
Figure 2 Typical Application and Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com