Electronic Components Datasheet Search
  English  ▼

X  

COPCH682C Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH682C
Description  COP880C Microcontroller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH682C Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COPCH682C Datasheet HTML 17Page - National Semiconductor (TI) COPCH682C Datasheet HTML 18Page - National Semiconductor (TI) COPCH682C Datasheet HTML 19Page - National Semiconductor (TI) COPCH682C Datasheet HTML 20Page - National Semiconductor (TI) COPCH682C Datasheet HTML 21Page - National Semiconductor (TI) COPCH682C Datasheet HTML 22Page - National Semiconductor (TI) COPCH682C Datasheet HTML 23Page - National Semiconductor (TI) COPCH682C Datasheet HTML 24Page - National Semiconductor (TI) COPCH682C Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Instruction Execution Time
Most instructions are single byte (with immediate addressing
mode instruction taking two bytes).
Most single instructions take one cycle time to execute.
Skipped instructions require x number of cycles to be
skipped, where x equals the number of bytes in the skipped
instruction opcode.
See the BYTES and CYCLES per INSTRUCTION table for
details.
BYTES and CYCLES per
INSTRUCTION
The following table shows the number of bytes and cycles for
each instruction in the format of byte/cycle.
Arithmetic and Logic Instructions
[B]
Direct
Immed.
ADD
1/1
3/4
2/2
ADC
1/1
3/4
2/2
SUBC
1/1
3/4
2/2
AND
1/1
3/4
2/2
OR
1/1
3/4
2/2
XOR
1/1
3/4
2/2
IFEQ
1/1
3/4
2/2
IFGT
1/1
3/4
2/2
IFBNE
1/1
DRSZ
1/3
SBIT
1/1
3/4
RBIT
1/1
3/4
IFBIT
1/1
3/4
Memory Transfer Instructions
Register
Register Indirect
Indirect
Direct
Immed.
Auto Incr & Decr
[B]
[X]
[B+, B−]
[X+, X−]
X A, (Note 24)
1/1
1/3
2/3
1/2
1/3
LD A, (Note 24)
1/1
1/3
2/3
2/2
1/2
1/3
LD B,Imm
1/1
(If B < 16)
LD B,Imm
2/3
(If B > 15)
LD Mem,Imm
2/2
3/3
2/2
LD Reg,Imm
2/3
Note 24:
= > Memory location addressed by B or X or directly.
Instructions UsingA&C
CLRA
1/1
INCA
1/1
DECA
1/1
LAID
1/3
DCORA
1/1
RRCA
1/1
SWAPA
1/1
SC
1/1
RC
1/1
IFC
1/1
IFNC
1/1
Transfer of Control Instructions
JMPL
3/4
JMP
2/3
JP
1/3
JSRL
3/5
JSR
2/5
JID
1/3
RET
1/5
RETSK
1/5
RETI
1/5
INTR
1/7
NOP
1/1
The following table shows the instructions assigned to un-
used opcodes. This table is for information only. The opera-
tions performed are subject to change without notice. Do not
use these opcodes.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com