Electronic Components Datasheet Search
  English  ▼

X  

AS3310 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3310
Description  ADSR Voltage Controlled Envelope Generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3310 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3310 Datasheet HTML 1Page - JSC ALFA. AS3310 Datasheet HTML 2Page - JSC ALFA. AS3310 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
1
AS3310
AS3310 - ADSR Voltage Controlled Envelope Generator
FEATURES
APPLICATIONS
 Large Time Control Range: 100,000:1
 Full ADSR Response
 True RC Envelope Shape
 Exceptionally Low Control Voltage Feedthrough: 90µVmax
 Accurate Exponential Time Control Scales
 Isolated Control Inputs
 Good Repeatability and Tracking Between Units Without
External Trim
 Independent Gate and Trigger
 Wide power supply range:
negative rail: -15V
÷ -9V (via external resistor)
positive rail: +11
V ÷ +15V
for electronic music
AS3310
AS3310D
РDIP-16 (300 Mil)
SOIC-16 (150 Mil)
General Description
The AS3310 is a self-contained, precision ADSR type of envelope generator intended for electronic music and other
sound generation applications. Attack, decay and release times are exponentially voltage controllable over a wide range, and
the sustain level is linearly voltage controllable from 0 to 100% of the peak voltage Vp. All four control Inputs are Isolated from
the rest of the circuitry so that the control pins of tracking units may be simply tied together.
On the negative power output, there is an internal Zener diode at 7.4 volts ± 10%, which allows the chip to supply a
maximum voltage of ± 15 volts with a current-limiting resistor REE, and a minimum positive supply voltage of + 11 volts and a
minimum negative supply voltage of -5 volts.. A series current limiting resistor must be added between pin 6 and the supply. Its
value is calculated as follows:
REE = (VEE - 7.5) / 0,010
Pin Information
Circuit Block and Connection Diagram
РDIP-16,
SOIC-16
Pin No
Pin
Name
Description
1
Cap
Capacitor
2
Env Out
Output
3
VP
Attack Peak Input
4
Gate
Gate Input
5
Trig
Trigger Input
6
VEE
Negative supply
7
Power
GND
Power Ground
8
Ccomp
Compensation
9
VCS
Sustain Level
Control Input
10
IIN
Input Current
11
VCC
Positive supply
12
VCD
Decay Control
Input
13
VCR
Release Control
Input
14
GND
Ground
15
VCA
Attack Control
Input
16
Atk Out
Attack Output
.
CM1
V+
AtkOut
16
15
VCA
GND
14
13
VCR
12
VCD
11
VCC
10
IIN
V+
+15V
9
VCS
CM2
V+
Q1
Q2
Q3
Q4 Q5
Q6 Q7
+
+
-
-
VZ
V-
7.4V
5
4K
3K
Trig
Trigger Input
VEE
REE
Release
Input*
Input*
Decay
Control
Attack Control
Control Input**
Sustain Level
Control Input*
RX
10K
30K
10K
Buffer
Output
1.3K
1
2
+ -
R
S
Q
Q
7
6
8
Ccomp
Power GND
10nF
470
Cap
- 15V
CX
39nF
EnvOut
VP
Gate
Gate
Input
10K
3nF
10K
750
470
470
.
7.4V
V+
3
4
Input and Output Waveforms
Trigger
Gate
Output
Q1 Disabled
V =5V
P
VCS
0V
0V
0V
+2.4V to VCC
+2.4V to VCC
.
.
***
* Zero to -5V Varies the Times
from 2mS to 20S
**Zero to +5V Varies the Sustain
Level from 0 to 100%
***Q1 Disabled if only a gate is applied with
no trigger


Similar Part No. - AS3310

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
BCD Semiconductor Manuf...
AS331KTR-E1 BCDSEMI-AS331KTR-E1 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331KTR-E1 BCDSEMI-AS331KTR-E1 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
More results

Similar Description - AS3310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
Precision Waveform Generator/Voltage Controlled Oscillator
September 1998
logo
List of Unclassifed Man...
CEM3310 ETC-CEM3310 Datasheet
219Kb / 2P
Voltage Controlled Envelope Generator
SSM2056 ETC-SSM2056 Datasheet
210Kb / 3P
VOLTAGE CONTROLLED TRANSIENT GENERATOR
YM2149 ETC-YM2149 Datasheet
766Kb / 12P
SOFT CONTROLLED SOUND GENERATOR
logo
TEMIC Semiconductors
U2391B TEMIC-U2391B Datasheet
78Kb / 7P
Quartz Controlled Pulse Generator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
Precision Waveform Generator/ Voltage Controlled Oscillator
logo
List of Unclassifed Man...
CEM3312 ETC1-CEM3312 Datasheet
219Kb / 2P
Voltage Controlled Envelope Generator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
Precision Waveform Generator/Voltage Controlled Oscillator
April 2001
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
Precision Waveform Generator/Voltage Controlled Oscillator
logo
Analog Devices
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
Envelope Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com