Electronic Components Datasheet Search
  English  ▼

X  

1775729 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1775729
Description  Housing - HC-B 32-KMQ-82/M1PG21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1775729 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1775729 Datasheet HTML 1Page - PHOENIX CONTACT 1775729 Datasheet HTML 2Page - PHOENIX CONTACT 1775729 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1775729
2/4/14   Page 1 / 3
Housing - HC-B 32-KMQ-82/M1PG21 - 1775729
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Coupling housing, with double locking latch, height 82 mm, with screw connection, 1x Pg21
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
544.3 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
82 mm
Width
79 mm
Length
94 mm
Wrench size, union nut
28 mm
External cable diameter
10 mm ... 19 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B32, DD144, M
Design
B32
Housing type
Coupling housings


Similar Part No. - 1775729

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1775722001 WEIDMULLER-1775722001 Datasheet
482Kb / 4P
SL-SMT 5.08HC/14/180 1.5SN BK BX
More results

Similar Description - 1775729

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460311 PHOENIX-1460311 Datasheet
53Kb / 2P
Housing - HC-B 16-KMQ-H-M1PG21
1460327 PHOENIX-1460327 Datasheet
58Kb / 3P
Housing - HC-B 24-KMQ-H-M1PG21
1604864 PHOENIX-1604864 Datasheet
62Kb / 4P
Housing - HC-B 32-KMQ-82/O1M32
1647284 PHOENIX-1647284 Datasheet
59Kb / 3P
Housing - HC-B 32-KMQ-82/O1STM32
1672945 PHOENIX-1672945 Datasheet
54Kb / 3P
Housing - HC-D 50-KMQ-76/M1PG21
1687749 PHOENIX-1687749 Datasheet
99Kb / 3P
HC-B 16-KMQ-80/M1PG21
1772052 PHOENIX-1772052 Datasheet
98Kb / 3P
HC-B 24-KMQ-79/M1PG21
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
Housing - HC-HV 6-KMQ-69/M1PG21
1773899 PHOENIX-1773899 Datasheet
48Kb / 3P
Housing - HC-HV 6-KMQ-69/M1PG21
1775732 PHOENIX-1775732 Datasheet
56Kb / 3P
Housing - HC-B 32-KMQ-82/M1PG29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com