Electronic Components Datasheet Search
  English  ▼

X  

AS3345 Datasheet(PDF) 5 Page - JSC ALFA.

Part # AS3345
Description  Voltage Controlled Oscillator (VCO)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3345 Datasheet(HTML) 5 Page - JSC ALFA.

  AS3345 Datasheet HTML 1Page - JSC ALFA. AS3345 Datasheet HTML 2Page - JSC ALFA. AS3345 Datasheet HTML 3Page - JSC ALFA. AS3345 Datasheet HTML 4Page - JSC ALFA. AS3345 Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
5
AS3340
AS3345
Device type
Package
AS3345
РDIP-18 (300 mil body)
AS3345F
QFN-24L (4*4 mm 0.5 mm)
Units: inch (mm)
РDIP-18 (300MIL)
QFN-24 4x4 mm 0.5 mm
Revision history
Date
Revision
Changes
28-Aug-2017
1
Preliminary version 1
10-Sep-2017
2
Minor changes
19-Dec-2017
3
Changes in Description and Block Diagram
07-Mar-2018
4
Changes in Description
31-May-2018
5
Minor changes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com