Electronic Components Datasheet Search
  English  ▼

X  

AS3350 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3350
Description  Dual Voltage Controlled State Variable Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3350 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3350 Datasheet HTML 1Page - JSC ALFA. AS3350 Datasheet HTML 2Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
1
AS3350
AS3350 - Dual Voltage Controlled State Variable Filter
FEATURES
APPLICATIONS
 two Independent state variable filters
 separate frequency and Q control Inputs for each channel
 wide frequency sweep and Q control range
 exponential control scales for both frequency and Q
 two simultaneous outputs on each: Low-Pass and
Band-Pass or Band-Pass and High-Pass possible
 two simultaneous inputs for each: fixed gain and
variable gain
 configurable Into many V.C. filters
 wide supply range: ±3V to ±16V
for electronic music
General Description
The AS 3350 is a dual voltage controlled state-variable filter intended for electronic musical instruments and other
signal processing applications. Each filter provides both voltage control of center/cut-off frequency over more than
12 octaves and voltage control of Q from 1/2 to greater than 40. All control scales are exponential, allowing for easier
control of the parameters over their wide range. Although the two filters are completely independent, they may be easily
interconnected to form a wide variety of filter responses.
Each filter also provides two signal inputs: For signals applied to the fixed gain input, the output will remain constant as
the Q is varied, while for signals applied to the variable gain input, the output decreases as Q is increased. The input
signal may be proportioned between these two inputs to provide any desired characteristic.
Finally, each filter provides two simultaneous outputs, making directly available low-pass and band-pass, or band-pass
and high-pass responses depending upon where the input signal is applied.
Able to operate over a wide supply range, the versatile AS 3350 allows new and unique filter responses to be created
with a high degree of voltage control over the defining parameters.
Block and Connections Diagram


Similar Part No. - AS3350

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
JSC ALFA.
AS3310 ALFA-AS3310 Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
AS3310D ALFA-AS3310D Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
More results

Similar Description - AS3350

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
Dual Temperature-Controlled NV Variable Resistor
logo
List of Unclassifed Man...
CEM3320 ETC-CEM3320 Datasheet
219Kb / 2P
Voltage Controlled Filter
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
Dual Temperature-Controlled NV Variable Resistor & Memory
logo
List of Unclassifed Man...
SSM2044 ETC-SSM2044 Datasheet
299Kb / 4P
4 POLE VOLTAGE CONTROLLED FILTER
logo
ON Semiconductor
MV104 ONSEMI-MV104_06 Datasheet
99Kb / 3P
DUAL VOLTAGE VARIABLE CAPACITANCE DIODE
March, 2006 ??Rev. 4
logo
List of Unclassifed Man...
CEM3350 ETC2-CEM3350 Datasheet
224Kb / 2P
Dual Voltage Controlled State Variable Filter
logo
JSC ALFA.
AS3320 ALFA-AS3320 Datasheet
423Kb / 3P
Voltage controlled filter (VCF)
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
Dual Temperature-Controlled NV Variable Resistor
011806
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com