Electronic Components Datasheet Search
  English  ▼

X  

MBR8045 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR8045
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR8045 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR8045 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR8045 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR8045 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 80 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
MBR8045(R)
MBR8060(R)
Unit
Repetitive peak reverse voltage VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR8045(R)
MBR8060(R)
Unit
Average forward current (per
pkg)
IF(AV)
80
80
A
Maximum forward voltage
(per leg)
0.75
0.78
1
1
10
10
20
20
Thermal characteristics
Thermal resistance, junction-
case (per leg)
RΘJC
0.50
0.50
°C/W
Inch ponds
(in-pb)
2. Reverse polarity (R): Stud is anode.
20
-55 to 150
MBR8045 thru MBR80100R
Tj = 25 °C
IFM = 80 A, Tj = 25 °C
Conditions
MBR80100(R)
80
50
MBR8080(R)
-55 to 150
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
-55 to 150
MBR80100(R)
1
1
MBR8080(R)
0.50
Tj = 150 °C
0.50
0.84
0.84
20
mA
V
-55 to 150
Conditions
100
70
100
80
• Types from 45 V to 100 V V
RRM
TC = 125 °C
80
80
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Tj = 100 °C
10
10
Mounting torque
30
30
30
30
C
A
A
C
Stud Stud
(R)
C
A
A
C
Stud Stud
(R)
DO- 5 (DO-203AB)
J
K
G
F
A
E
D
P
N
B
C
M
Inches
Millimeters
Min
Max
Min
Max
A
1/4 –28 UNF
B
0.669
0.687
17.19
17.44
C
-----
0.794
-----
20.16
D
-----
1.020
-----
25.91
E
0.422
0.453
10.72
11.50
F
0.115
0.200
2.93
5.08
G
-----
0.460
-----
11.68
J
-----
0.280
-----
7.00
K
0.236
-----
6.00
-----
M
-----
0.589
-----
14.96
N
-----
0.063
-----
1.60
P
0.140
0.175
3.56
4.45
1
Oct. 2018
http://www.diodemodule.com/silicon_products/studs/mbr8045.pdf


Similar Part No. - MBR8045

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR8045 TEL-MBR8045 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
Naina Semiconductor ltd...
MBR8045 NAINA-MBR8045 Datasheet
123Kb / 2P
Schottky Power Diode, 80A
logo
America Semiconductor, ...
MBR8045 AMERICASEMI-MBR8045 Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MBR8045 DIGITRON-MBR8045 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR8045 GENESIC-MBR8045 Datasheet
349Kb / 3P
Not ESD Sensitive
More results

Similar Description - MBR8045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com