Electronic Components Datasheet Search
  English  ▼

X  

08051C103MAT4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08051C103MAT4A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051C103MAT4A Datasheet(HTML) 4 Page - AVX Corporation

  08051C103MAT4A Datasheet HTML 1Page - AVX Corporation 08051C103MAT4A Datasheet HTML 2Page - AVX Corporation 08051C103MAT4A Datasheet HTML 3Page - AVX Corporation 08051C103MAT4A Datasheet HTML 4Page - AVX Corporation 08051C103MAT4A Datasheet HTML 5Page - AVX Corporation 08051C103MAT4A Datasheet HTML 6Page - AVX Corporation 08051C103MAT4A Datasheet HTML 7Page - AVX Corporation 08051C103MAT4A Datasheet HTML 8Page - AVX Corporation 08051C103MAT4A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
14
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
MM
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.7 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.224 ± 0.016)
(0.225 ± 0.010)
(W) Width
MM
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.0 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
MM
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
16
25
50
100
50
100
50
100
200
50
100
Cap
100
(pF)
120
150
180
220
270
330
390
470
560
680
820
1000
J
J
J
J
J
1200
J
J
J
J
J
1500
J
J
J
J
J
1800
J
J
J
J
J
2200
J
J
J
J
J
2700
J
J
J
J
J
3300
J
J
J
J
J
3900
J
J
J
J
J
4700
J
J
J
J
J
5600
J
J
J
J
J
6800
J
J
J
J
J
8200
J
J
J
J
J
Cap.
0.010
J
J
J
J
J
K
K
M
M
X
X
X
M
M
(µF)
0.012
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.015
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.018
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.022
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.027
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.033
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.039
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.047
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.056
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.068
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.082
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.10
J
J
J
J
J
K
K
M
M
X
X
X
M
M
0.12
J
J
J
J
M
K
K
M
M
X
X
X
M
M
0.15
J
J
J
J
M
K
K
M
M
X
X
X
M
M
0.18
J
J
J
J
P
K
K
M
M
X
X
X
M
M
0.22
J
J
J
J
P
K
K
M
M
X
X
X
M
M
0.27
J
J
J
J
Z
K
M
M
M
X
X
M
M
0.33
J
J
J
J
Z
K
M
M
M
X
X
M
M
0.47
M
M
M
M
Z
K
P
M
M
X
X
M
M
0.56
M
M
M
Z
M
Q
M
M
X
X
M
M
0.68
M
M
P
Z
M
X
M
Q
X
X
M
M
0.82
M
M
P
M
X
M
Q
X
M
M
1.0
N
N
P
X
Z
M
X
M
Q
X
M
M
1.2
N
N
M
M
X
M
P
1.5
N
N
MM
P
1.8
N
P
M
2.2
X
ZM
3.3
4.7
Q
Z
10
Z
22
47
100
WVDC
10
16
25
50
100
16
25
50
100
50
100
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
Contact Factory for Multiples
L
W
T
t
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
BB
CC
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
3.05
3.175
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
(0.120)
(0.125)
PAPER
EMBOSSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com