Electronic Components Datasheet Search
  English  ▼

X  

ULN2803AD Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # ULN2803AD
Description  8-channel Darlington current driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

ULN2803AD Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  ULN2803AD Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd ULN2803AD Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D,
N,
D,
N
8-channel Darlington current driver
(Functional equivalent of TD62083AFN, TD62084AFN Toshiba)
The
D,
N,
D,
N are 8- channel current driver, consisting of
eight Darlington transistors.
Transistors, having high-voltage outputs with high-
current load are coupled in common-cathode circuit for
commutation of inductive load.
Collector current of one Darlington pair not ex-
ceed 500 mA. Darlington pairs can be bridged to in-
crease current.
The
D,
N,
D,
N are purposed in different devices: relays,
lamps, displays (LED & gas discharge cells), telecom-
munication lines and logic devices.
Main features:
-
The
D,
D are realized in 18-pin SO - package MS-013AB,
N,
N – in 18-pin DIP – package MS-001AC;
-
High output sustaining voltage up to 50 V;
-
One channel output current up to 500 mA;
Allowable value of electrostatic potential 2000V
Table 1 – Electric circuitry difference of ICs
IC marking
Input resistor, k
Ω
Applicable with ICs
18
MS-001AC package
MS-013AB package
Fig. 1 – View of ICs in MS-001AC, MS-
001AC packages
18
1
2,7
TTL, 5 V CMOS
10,5
6
÷ 15 V P-MOS, CMOS
D,
N
D,
N


Similar Part No. - ULN2803AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2803ADW TI-ULN2803ADW Datasheet
240Kb / 10P
DARLINGTON TRANSISTOR ARRAY
ULN2803ADW TI-ULN2803ADW Datasheet
353Kb / 11P
DARLINGTON TRANSISTOR ARRAY
ULN2803ADW TI-ULN2803ADW Datasheet
436Kb / 12P
DARLINGTON TRANSISTOR ARRAY
ULN2803ADWG4 TI-ULN2803ADWG4 Datasheet
353Kb / 11P
DARLINGTON TRANSISTOR ARRAY
ULN2803ADWG4 TI-ULN2803ADWG4 Datasheet
436Kb / 12P
DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - ULN2803AD

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2016 NTE-NTE2016 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
logo
Rohm
BA6212 ROHM-BA6212 Datasheet
35Kb / 3P
8-channel high current driver
logo
Sanyo Semicon Device
LB1740 SANYO-LB1740 Datasheet
41Kb / 2P
8-Channel, Current-Source Output, Darlington Transistor Array
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
8-Channel Constant Current LED Driver
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Shenzhen Huazhimei Semi...
HM62783AD HMSEMI-HM62783AD Datasheet
732Kb / 8P
8-channel Darlington current driver
HM62783A HMSEMI-HM62783A Datasheet
732Kb / 8P
8-channel Darlington current driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com