Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV331
Description  Low Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV331 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV331 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Voltage Comparator
General Description
The LMV331 is a low-power comparator that typically consumes less than 10μA supply current. Guaranteed
to operate at a low voltage of 1.5V and fully operational up to 5.5V, it is convenient for use in 1.5V, 1.8V, and
3.0V systems.
The LMV331 has a complementary push-pull P- and N-channel output stage capable of driving a rail-to-rail
output swing with a load ranging up to 5.0mA.
Features
●
Low Supply Current: IDD=7μA(Typical)
●
Single Power Supply Operation
●
Wide Common-Mode Input Voltage Range:
Rail-to-Rail
●
Push-Pull Output Circuit
●
Low Input Bias Current
●
Internal Hysteresis
●
Part No. and Package
Part No.
Package
LMV331
DFN6
Applications
●
Mobile Phones
●
Alarm and Security Systems
●
Personal DigitalAssistants
LMV331


Similar Part No. - LMV331

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV331 TI-LMV331 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
More results

Similar Description - LMV331

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
Low Voltage Comparator
September, 2006 ??Rev. 0
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
Low voltage comparator
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
Low Voltage Comparator
October, 2009 ??Rev. 1
logo
Fairchild Semiconductor
FAN156 FAIRCHILD-FAN156 Datasheet
733Kb / 9P
Low Voltage Comparator
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
Low voltage comparator
Rev. 4-27 June 2012
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
Low voltage comparator
Rev. 6-9 July 2014
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
Low Voltage Comparator
April, 2013 ??Rev. 2
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
Low Voltage Comparator
November-2017, Rev. 2
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
Low voltage comparator
Rev. 4-27 June 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com