Electronic Components Datasheet Search
  English  ▼

X  

LM2575HV Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LM2575HV
Description  Simple high-efficiency step-down (buck) regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LM2575HV Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LM2575HV Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd LM2575HV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings (Note 1)
Minimum ESD Rating
2kV
(C= 100pF, R = 1.5 k)
Lead Temperature
(Soldering, 10 Seconds)
260C
Maximum Supply Voltage
Operating
Ratings
LM2575HV/LM2576HV/HM2676HV
63V
Temperature Range
_
ON/OFF Pin Input Voltage
-0.3V  V  +VIN LM2575HV/LM2576HV/HM2676HV -40C  TJ  +125C
Output Voltage to Ground
Supply Voltage
(Steady State)
-0.75V . LM2575HV/LM2576HV/HM2676HV
60V
Power Dissipation
Internally Limited
Storage Temperature Range
-65C to +150C
Maximum Junction Temperature
150C
LM2575HV-3.3 /LM2576HV-3.3/HM2676HV-3.3
Electrical Characteristics
Specifications with standard type face are for TJ = 25C, and those with
boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
Typ
Limit
(Note 2)
Units
(Limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
3.3
3.234
3.366
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
6V  VIN  60V, 0.5A  ILOAD  3A
Circuit of Figure 2
3.3
3.168/
3.135
3.450/
3.482
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2575HV
5.5V  VIN  60V, 0.5A  ILOAD  2A
Circuit of Figure 2
3.3
3.168/
3.135
3.450/
3.482
V
V(Min)
V(Max)
Efficiency
VIN =12V, ILOAD =3A (LM2576HV/HM2676HV)
ILOAD =2A (LM2575HV)
75
%
LM2575HV-5.0/LM2576HV-5.0/HM2676HV-5.0
Electrical Characteristics
Specifications with standard type face are for TJ = 25C, and those with Figure 2
boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
Typ
Limit
(Note 2)
Units
(Limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
5.0
4.900
5.100
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
0.5A  ILOAD  3A,
8V  VIN  60V
5.0
4.800/4.750
5.225/5.275
V
V(Min)
V(Max)
HM2676HV
HM2676HV
LM2575HV/LM2576HV/HM2676HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com