Electronic Components Datasheet Search
  English  ▼

X  

SCT013 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT013
Description  0.333V Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT013 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT013 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Characteristics:
Split core,0.333V output,Built-in with sampling resistance,
leading wire 1 metre, standardΦ3.5 three core plug output,,
(
Patent no.:ZL 2015 3 0060067.X)
Technical index:
Suspended mounting, output with cable
Operation temperature:-25℃~+70℃
Storage temperature:-30℃~+90℃
work voltage:≤660V
Work frequency:50Hz-1KHz
Dielectric strength:3.5KV 50Hz 1min
Technical Parameters table:
Outline size: (in:mm):
www.yhdc.com
Email:yhdc@yhdc.com
1米
输出
空
输出
Standard three core plug schematic diagram
3.5
6.4
0.8
2.5
4.5
22
11.5
23.5
32
13
Ip
输出
空
输出
3.5mm
Standard 3.5 audio plug
SCT013/xxA/0.333V/1%
10
20%~120%
0.333
1
1
50~1K
50
A
A
V
%
%
Hz
g
20
30
50
80
100
When the plug without audio frequency,
the white line is the end of the same name
K
k
(white)
l(red)
L
0.333V Split core current transformer
model:SCT013
RatedInput(Effectivevalue)
measurement range
Rated output
Auccuracy
Linearity
frequency
weight
Noted:The rated current ≤100A are the standard product
Order Format: model
Input
output Auccuracy
Front view
Side view
Installation Diagram
1.open the clamp
2.make it upper
3.put the primary
coil in the hole
4.close the clamp
Primary coil through hole method
Wiring schemtic:
Voltage output type :Built-in with sampling resistance
Voltage output type :not allowed secondary short circuit.


Similar Part No. - SCT013

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-010 YHDC-SCT013-010 Datasheet
5Mb / 1P
Split core current transformer
SCT013-015 YHDC-SCT013-015 Datasheet
5Mb / 1P
Split core current transformer
SCT013-020 YHDC-SCT013-020 Datasheet
5Mb / 1P
Split core current transformer
SCT013-025 YHDC-SCT013-025 Datasheet
5Mb / 1P
Split core current transformer
More results

Similar Description - SCT013

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT010T YHDC-SCT010T Datasheet
6Mb / 1P
0.333V Split core current transformer
SCT016TS YHDC-SCT016TS Datasheet
2Mb / 1P
0.333V Split core current transformer
SCT024TS YHDC-SCT024TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT027H YHDC-SCT027H Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT032R YHDC-SCT032R Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT036TS YHDC-SCT036TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT045B YHDC-SCT045B Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT065B YHDC-SCT065B Datasheet
7Mb / 1P
0.333V Split core current transformer
SCT080B YHDC-SCT080B Datasheet
7Mb / 1P
0.333V Split core current transformer
SCT4333QL YHDC-SCT4333QL Datasheet
3Mb / 1P
0.333V Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com