Electronic Components Datasheet Search
  English  ▼

X  

SCT024TS Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT024TS
Description  0.333V Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT024TS Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT024TS Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.yhdc.com
Email:yhdc@yhdc.com
0.333V Split core current transformer
model:SCT024TS
Characteristics:
Split core,0.333V output,Built-in with sampling resistance,
Purpose: Applicable for the current measuring monitoring and
protection of AC motor, lighting equipment and air compressor.
Technical index:
Hanging installation, Crimping terminal output
Material of core:Silicon sheets
work voltage:≤660V
Operation temperature:-25℃~+60℃
Storage temperature:-30℃~+90℃
Work frequency:50Hz~60Hz
Dielectric strength:3.5KV 50Hz 1min
Technical Parameters table:
Outline size: (in:mm):
50
20%~120%
0.333
1
1
50~60
204
A
A
V
%
%
Hz
g
100 200
400
300
Noted:The rated current ≤400A are the standard product
Order Format:
K
k
l
L
Installation Diagram
1.open the clamp
2.make it upper
3.put the primary
coil in the hole
4.close the clamp
Primary coil through hole method
Φ24
k
l
Output crimp terminal
Opening angle
180°
k
l
34.2
41.4
53
SCT024TS/xxA/0.333V/1%
RatedInput(Effectivevalue)
measurement range
Rated output
Auccuracy
Linearity
frequency
weight
model
Input
output Auccuracy
Front view
Side view
Wiring schemtic:
Voltage output type :Built-in with sampling resistance
Voltage output type :not allowed secondary short circuit.


Similar Part No. - SCT024TS

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT024TS-D YHDC-SCT024TS-D Datasheet
1Mb / 1P
T-D series DC output split core current transformer
More results

Similar Description - SCT024TS

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT010T YHDC-SCT010T Datasheet
6Mb / 1P
0.333V Split core current transformer
SCT013 YHDC-SCT013 Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT016TS YHDC-SCT016TS Datasheet
2Mb / 1P
0.333V Split core current transformer
SCT027H YHDC-SCT027H Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT032R YHDC-SCT032R Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT036TS YHDC-SCT036TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT045B YHDC-SCT045B Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT065B YHDC-SCT065B Datasheet
7Mb / 1P
0.333V Split core current transformer
SCT080B YHDC-SCT080B Datasheet
7Mb / 1P
0.333V Split core current transformer
SCT4333QL YHDC-SCT4333QL Datasheet
3Mb / 1P
0.333V Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com