Electronic Components Datasheet Search
  English  ▼

X  

IXTT52N30P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT52N30P
Description  N-Channel Enhancement Mode Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT52N30P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT52N30P Datasheet HTML 1Page - IXYS Corporation IXTT52N30P Datasheet HTML 2Page - IXYS Corporation IXTT52N30P Datasheet HTML 3Page - IXYS Corporation IXTT52N30P Datasheet HTML 4Page - IXYS Corporation IXTT52N30P Datasheet HTML 5Page - IXYS Corporation IXTT52N30P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
DS99115F(9/13)
PolarTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated
IXTT52N30P
IXTQ52N30P
V
DSS
= 300V
I
D25
= 52A
R
DS(on)
 73m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
300
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
300
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C
52
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
150
A
I
A
T
C = 25C52
A
E
AS
T
C = 25C1
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
10
V/ns
P
D
T
C = 25C
400
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-3P)
1.13 / 10
Nm/lb.in
Weight
TO-286
4.0
g
TO-3P
5.5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
300
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
5.0
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
250
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
73 m
Features
Fast Intrinsic Rectifier
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
TO-3P (IXTQ)
D
G
S
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-268 (IXTT)
S
G
D (Tab)
D (Tab)


Similar Part No. - IXTT52N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P Datasheet
588Kb / 5P
PolarHT Power MOSFET
More results

Similar Description - IXTT52N30P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF463AP1 ADPOW-ARF463AP1 Datasheet
187Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF520 ADPOW-ARF520 Datasheet
74Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com