Electronic Components Datasheet Search
  English  ▼

X  

ACA2431 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # ACA2431
Description  1218 MHz High-Output GaN CATV Power-Doubler Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ACA2431 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  ACA2431 Datasheet HTML 1Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 2Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 3Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 4Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 5Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 6Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 7Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 8Page - Skyworks Solutions Inc. ACA2431 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET • ACA2431: 1218 MHz HIGH-OUTPUT GaN CATV POWER DOUBLER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 12, 2018 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 204208H
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
GND
2BIN
GND
1AIN
GND
GND
BIAS 1A
1BOUT
2AIN
1BIN
ISET
2BOUT
2AOUT
BIAS 1B
1AOUT
204309-002
Figure 2. ACA2431 Pinout
(Top View)
Table 1. ACA2431 Signal Pin Descriptions
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
9
GND
Ground
2
2AIN
Amplifier 2A input
10
1BOUT
Amplifier 1B output
3
GND
Ground
11
BIAS 1B
Bias for 1B amplifier
4
1AIN
Amplifier 1A input
12
2BOUT
Amplifier 2B output and supply
5
1BIN
Amplifier 1B input
13
2AOUT
Amplifier 2A output and supply
6
ISET
Current adjust
14
BIAS 1A
Bias for 1A amplifier
7
2BIN
Amplifier 2B input
15
1AOUT
Amplifier 1A output
8
GND
Ground
16
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com