Electronic Components Datasheet Search
  English  ▼

X  

BF720T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BF720T1
Description  NPN SILICON TRANSISTOR SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF720T1 Datasheet(HTML) 2 Page - ON Semiconductor

  BF720T1 Datasheet HTML 1Page - ON Semiconductor BF720T1 Datasheet HTML 2Page - ON Semiconductor BF720T1 Datasheet HTML 3Page - ON Semiconductor BF720T1 Datasheet HTML 4Page - ON Semiconductor BF720T1 Datasheet HTML 5Page - ON Semiconductor BF720T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BF720T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 25 mAdc, VCE = 20 Vdc)
hFE
50
—
—
Collector-Emitter Saturation Voltage
(IC = 30 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
0.6
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 35 MHz)
fT
60
—
MHz
Feedback Capacitance
(VCE = 30 Vdc, IC = 0, f = 1.0 MHz)
Cre
—
1.6
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com