Electronic Components Datasheet Search
  English  ▼

X  

KBJ401G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # KBJ401G
Description  Single Phase Glass Passivated Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBJ401G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBJ401G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBJ401G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBJ401G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 4 A
Features
• Ideal for printed circuit board
KBJ Package
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic
Mounting torque: 5 inch-lb max
Parameter
Symbol
KBJ4005G
KBJ401G
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBJ4005G
KBJ401G
Unit
4
4
2.3
2.3
Peak forward surge current
IFSM
120
120
A
Maximum instantaneous
forward voltage per leg
1.1
1.1
5
5
500
500
Maximum reverse current at
rated DC blocking voltage per
leg
IR
400
280
400
2.3
4
8.3 ms single sine-wave
120
120
500
5
5
Ta = 125 °C
1.1
1.1
500
Single Phase Glass Passivated
Silicon Bridge Rectifier
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Tc = 108 °C
4
200
• Reliable low cost construction
KBJ402G
KBJ4005G thru KBJ404G
Ta = 25 °C
IF = 4 A
Conditions
KBJ404G
200
140
KBJ402G
-55 to 150
Maximum ratings at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
μA
V
Electrical characteristics at Tj = 25 °C, unless otherwise specified
2.3
• Types from 50 V to 400 V V
RRM
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
• Surge overload rating to 120 Amperes peak
Maximum average forward
rectified current
IO
Ta = 25 °C
Weight: 0.15 ounce, 4.0 grams
Conditions
-55 to 150
KBJ404G
VF
A
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbj4005g.pdf


Similar Part No. - KBJ401G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBJ401G JGD-KBJ401G Datasheet
160Kb / 2P
CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBJ401G DIODES-KBJ401G Datasheet
53Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. F-2
logo
Fuji Electric
KBJ401G FUJI-KBJ401G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ401G DIODES-KBJ401G Datasheet
71Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. 9 - 2
logo
MIC GROUP RECTIFIERS
KBJ401G MIC-KBJ401G Datasheet
64Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ401G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com