Electronic Components Datasheet Search
  English  ▼

X  

LTC5555 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC5555
Description  1.5GHz to 7GHz Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5555 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC5555 Datasheet HTML 18Page - Analog Devices LTC5555 Datasheet HTML 19Page - Analog Devices LTC5555 Datasheet HTML 20Page - Analog Devices LTC5555 Datasheet HTML 21Page - Analog Devices LTC5555 Datasheet HTML 22Page - Analog Devices LTC5555 Datasheet HTML 23Page - Analog Devices LTC5555 Datasheet HTML 24Page - Analog Devices LTC5555 Datasheet HTML 25Page - Analog Devices LTC5555 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC5555
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
5.6GHz to 7.2GHz RF Application with Wideband IF
The LTC5555’s RF inputs are optimized for operation
up to 6GHz, but may be used up to 8GHz with degraded
performance. Figure 18 shows an example where the RF
input is matched from 5.6GHz to 7.2GHz and the IF output
Figure 18. 5.6GHz to 7.2GHz Input Matching with Wideband IF Output Match
Figure 19. Measured Performance for 5.6GHz to 7.2GHz Downconverter with Wideband IF Output
5555 F17
LTC5555
MO+
MO–
AI–
AI+
LO
IF+
IF–
RF
RF
(50 )
1.1pF
0.2pF
VCC
680nH
VCC
680nH
IF
12nH
12nH
10nF
IF
(100 DIFF)
10nF
18nH
1nF
18nH
680nH
680nH
1nF
3dB
6dB
9dB
12dB
15dB
0dB
0dB
15dB
GC
IIP3
IF = 470MHz
LOW SIDE LO
RF FREQUENCY (GHz)
5.5 5.7 5.9 6.1 6.3 6.5 6.7 6.9 7.1 7.3
–9
–6
–3
0
3
6
9
12
15
18
21
24
5555 F18a
Conv Gain and IIP3 vs RF Frequency
and IF Attenuation (3dB Steps)
6.5GHz Conv Gain, IIP3, and SSB NF
vs IF Attenuation (0.5dB Steps)
Conv Gain vs IF Frequency and
Attenuation, Swept RF/Fixed LO
is matched for wideband operation up to 800MHz. The
measuredperformanceissummarizedinFigure19,where
the RF input is swept from 6.1GHz to 6.9GHz, with a fixed
6.03GHz LO, resulting in a wideband 70MHz to 870MHz
IF output, centered at 470MHz.
IIP3
NF
GC
IF = 470MHz
LOW SIDE LO
FULL PWR
RED PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
3
6
9
12
15
18
21
24
27
30
33
5555 F18b
0dB
RF = 6.1GHz to 6.9GHz
LO = 6.03GHz
3dB
6dB
9dB
12dB
15dB
IF FREQUENCY (MHz)
70 170 270 370 470 570 670 770 870
–10
–8
–6
–4
–2
0
2
4
6
8
10
5555 F18c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com