Electronic Components Datasheet Search
  English  ▼

X  

HMS35DN10DA Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMS35DN10DA
Description  N-Channel Super Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS35DN10DA Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS35DN10DA Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS35DN10DA Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS35DN10DA Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS35DN10DA Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS35DN10DA Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Super Trench Power MOSFET
Description
The
HMS35DN10DA uses
Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely low
combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.
Application
●
DC/DC Converter
●
Ideal
for
high-frequency switching
and
synchronous
rectification
General Features
●
VDS =100V,ID =35A
RDS(ON)=18mΩ (typical) @ VGS=10V
RDS(ON)=22mΩ (typical) @ VGS=4.5V
●
Excellent gate charge x RDS(on) product(FOM)
●
Very low on-resistance RDS(on)
●
150 °C operating temperature
●
Pb-free lead plating
100% UIS TESTED!
100% ∆Vds TESTED!
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
HMS35DN10DA
HMS35DN10DA
DFN5X6-8L
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
35
A
Drain Current-Continuous(TC=100 )
℃
ID (100℃)
24.8
A
Pulsed Drain Current
IDM
140
A
Maximum Power Dissipation
PD
50
W
Derating factor
0.4
W/℃
Single pulse avalanche energy
(Note 5)
EAS
200
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
2.5
/W
℃
Top View
DFN 5X6
Schematic Diagram
HMS35DN10DA


Similar Part No. - HMS35DN10DA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HMS35N10K HMSEMI-HMS35N10K Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
More results

Similar Description - HMS35DN10DA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com