Electronic Components Datasheet Search
  English  ▼

X  

101804 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 101804
Description  Power Optocoupler for Switching High DC Loads up to 5 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

101804 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  101804 Datasheet HTML 1Page - PHOENIX CONTACT 101804 Datasheet HTML 2Page - PHOENIX CONTACT 101804 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPT-…DC/24DC/5
101804_00_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Dimensions
Figure 1
Dimensions (in mm)
Description
Type
Order No.
Pcs./Pck.
Power optocoupler for switching DC loads up to 5 A,
5 V DC input voltage
OPT- 5DC/24DC/5
2982113
20
Power optocoupler for switching DC loads up to 5 A,
24 V DC input voltage
OPT-24DC/24DC/5
2982100
20
Power optocoupler for switching DC loads up to 5 A,
60 V DC input voltage
OPT-60DC/24DC/5
2982126
20
Input Data
...5DC...
...24DC...
...60DC...
Nominal input voltage UN
5 V DC
24 V DC
60 V DC
Permissible input voltage range
0.8 - 1.2 x UN
0.8 - 1.2 x UN
0.9 - 1.1 x UN
Typical input current at UN
9 mA
7 mA
3 mA
Typical switch-on time at UN
10
µs
20
µs
25
µs
Typical switch-off time at UN
400
µs
400
µs400 µs
Output Data
Maximum switching voltage
33 V DC
Minimum switching voltage
3 V DC
Limiting continuous current
5 A (see "Derating Curve for PLC Power Optocouplers" on page 3)
Surge current at 25°C
15 A for 10 ms
Output configuration
2-wire floating
Output circuit
Protection against polarity reversal, surge protection
Voltage drop at limiting continuous current
≤ 200 mV
General Data
Rated insulation voltage
100 V DC
Impulse voltage withstand level
1.5 kV
Test voltage: input/output
2.5 kV, 50 Hz, 1 min.
Nominal operating mode
100% operating factor
Ambient temperature range
-20°C ... +60°C
Mounting position
Any
Assembly
Can be aligned without spacing
Pollution degree
2
Surge voltage category
III
Inflammability class
V0 according to UL 94
Basic insulation
According to EN 50178
Standards/specifications
IEC 60664, IEC 60664 A, DIN VDE 0110
2 9
1 2 , 7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com