Electronic Components Datasheet Search
  English  ▼

X  

101810 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 101810
Description  Miniature Relays With PDT for Loads up to 6 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

101810 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  101810 Datasheet HTML 1Page - PHOENIX CONTACT 101810 Datasheet HTML 2Page - PHOENIX CONTACT 101810 Datasheet HTML 3Page - PHOENIX CONTACT 101810 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REL-MR-...21
101810_01_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Plug-In Miniature Relays With Power Contact
Description
Type
Order No.
Pcs./Pkt.
Plug-in miniature relays with power contact, 4.5 V DC input voltage
REL-MR- 4,5DC/21
29 61 36 7
10
Plug-in miniature relays with power contact, 12 V DC input voltage
REL-MR- 12DC/21
29 61 15 0
10
Plug-in miniature relays with power contact, 18 V DC input voltage
REL-MR- 18DC/21
29 61 38 3
10
Plug-in miniature relays with power contact, 24 V DC input voltage
REL-MR- 24DC/21
29 61 10 5
10
Plug-in miniature relays with power contact, 60 V DC input voltage
REL-MR- 60DC/21
29 61 11 8
10
Plug-In Miniature Relays With Multi-Layer Contact
Description
Type
Order No.
Pcs./Pkt.
Plug-in miniature relays with multi-layer contact, 4.5 V DC input voltage
REL-MR- 4,5DC/21AU
29 61 37 0
10
Plug-in miniature relays with multi-layer contact, 12 V DC input voltage
REL-MR- 12DC/21AU
29 61 16 3
10
Plug-in miniature relays with multi-layer contact, 18 V DC input voltage
REL-MR- 18DC/21AU
29 61 49 3
10
Plug-in miniature relays with multi-layer contact, 24 V DC input voltage
REL-MR- 24DC/21AU
29 61 12 1
10
Plug-in miniature relays with multi-layer contact, 60 V DC input voltage
REL-MR- 60DC/21AU
29 61 13 4
10
Coil Side
...4,5VDC...
...12VDC...
...18VDC...
...24VDC...
...60VDC...
Nominal input voltage UN
4.5 V DC
12 V DC
18 V DC
24 V DC
60 V DC
Permissible range (with reference to UN)
See "Permissible Operating Voltage Range" on page 4
Typical input current at UN
38 mA
14 mA
9 mA
7 mA
3 mA
Typical response time at UN
5 ms
5 ms
5 ms
5 ms
5 ms
Typical release time at UN
2.5 ms
2.5 ms
2.5 ms
2.5 ms
2.5 ms
Coil resistance at 20°C
119
Ω ±10%
848
Ω ±10%
1906
Ω
±10%
3390
Ω
±10%
20500
Ω
±15%
Contact Side
REL-MR-...21
REL-MR-...21AU
Contact type
Single contact, 1 PDT
Single contact, 1 PDT
Contact material
AgSnO
Ag alloy, hard gold-plated1
Maximum switching voltage
250 V AC/DC
30 V AC/36 V DC
(250 V AC/DC)
Minimum switching voltage
12 V AC/DC
100 mV
(12 V AC/DC)
Limiting continuous current
6 A
50 mA
(6 A)
Maximum inrush current
On request
50 mA
Minimum switching current
10 mA
1 mA
(10 mA)
Maximum shutdown power (ohmic load),
(see "Shutdown Power" on page 4)
24 V DC
48 V DC
60 V DC
110 V DC
220 V DC
250 V AC
140 W
20 W
18 W
23 W
40 W
1500 VA
1.2 W
–
–
–
–
–
(140 W)
(20 W)
(18 W)
(23 W)
(40 W)
(1500 VA)
Minimum switching power
120 mW
100
µW
(120 mW)
1
If the specified maximum values are exceeded, the gold coating will be damaged. In subsequent operation, the maximum values given in brackets will
apply. This can then result in reduced service life compared to simple power contacts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com