Electronic Components Datasheet Search
  English  ▼

X  

FJPF2145 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FJPF2145
Description  Rated NPN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJPF2145 Datasheet(HTML) 2 Page - ON Semiconductor

  FJPF2145 Datasheet HTML 1Page - ON Semiconductor FJPF2145 Datasheet HTML 2Page - ON Semiconductor FJPF2145 Datasheet HTML 3Page - ON Semiconductor FJPF2145 Datasheet HTML 4Page - ON Semiconductor FJPF2145 Datasheet HTML 5Page - ON Semiconductor FJPF2145 Datasheet HTML 6Page - ON Semiconductor FJPF2145 Datasheet HTML 7Page - ON Semiconductor FJPF2145 Datasheet HTML 8Page - ON Semiconductor FJPF2145 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJPF2145 Rev. 1.0.0
1
April 2013
FJPF2145
ESBC™ Rated NPN Power Transistor
ESBC Features (FDC655 MOSFET)
• Low Equivalent On Resistance
• Very Fast Switch: 150 kHz
• Wide RBSOA: Up to 1100 V
• Avalanche Rated
• Low Driving Capacitance, no Miller Capacitance
• Low Switching Losses
• Reliable HV Switch: No False Triggering due to
High dv/dt Transients
Applications
• High-Voltage, High-Speed Power Switches
• Emitter-Switched Bipolar/MOSFET Cascode
(ESBC™)
• Smart Meters, Smart Breakers, SMPS,
HV Industrial Power Supplies
• Motor Drivers and Ignition Drivers
Ordering Information
Notes:
1. Figure of Merit.
2. Other Fairchild MOSFETs can be used in this ESBC application.
VCS(ON)
IC
Equiv. RCS(ON)
(1)
0.21 V
2 A
0.105 Ω
Part Number
Marking
Package
Packing Method
FJPF2145TU
J2145
TO-220F
TUBE
1
2
3
B
C
E
Figure 2. Internal Schematic Diagram
C
B
G
S
FDC655
FJPF2145
Figure 3. ESBC Configuration(2)
Figure 1. Pin Configuration
1
1.Base
2.Collector
3.Emitter
TO-220F
Description
The FJPF2145 is a low-cost, high-performance power
switch designed to provide the best performance when
used in an ESBC™ configuration in applications such as:
power supplies, motor drivers, smart grid, or ignition
switches. The power switch is designed to operate up to
1100 volts and up to 5 amps, while providing exception-
ally low on-resistance and very low switching losses.
The ESBC™ switch can be driven using off-the-shelf
power supply controllers or drivers. The ESBC™ MOS-
FET is a low-voltage, low-cost, surface-mount device that
combines low-input capacitance and fast switching. The
ESBC™ configuration further minimizes the required driv-
ing power because it does not have Miller capacitance.
The FJPF2145 provides exceptional reliability and a large
operating range due to its square reverse-bias-safe-oper-
ating-area (RBSOA) and rugged design. The device is
avalanche rated and has no parasitic transistors, so is not
prone to static dv/dt failures.
The power switch is manufactured using a dedicated
high-voltage bipolar process and is packaged in a high-
voltage TO-220F package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com