Electronic Components Datasheet Search
  English  ▼

X  

FJV992 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FJV992
Description  Audio Frequency Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJV992 Datasheet(HTML) 4 Page - ON Semiconductor

  FJV992 Datasheet HTML 1Page - ON Semiconductor FJV992 Datasheet HTML 2Page - ON Semiconductor FJV992 Datasheet HTML 3Page - ON Semiconductor FJV992 Datasheet HTML 4Page - ON Semiconductor FJV992 Datasheet HTML 5Page - ON Semiconductor FJV992 Datasheet HTML 6Page - ON Semiconductor FJV992 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. C, August 2004
Typical Characteristics (Continued)
Figure 7. Collector Output Capacitance
Figure 8. Current Gain Bandwidth Product
Figure 9. Power Derating
-1
-10
-100
-1000
0.1
1
10
IE=0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = -6V
IE[mA], COLLECTOR CURRENT
0
25
50
75
100
125
150
175
0
100
200
300
400
500
600
Ta[
oC], AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com