Electronic Components Datasheet Search
  English  ▼

X  

74ACT16623DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16623DL
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16623DL Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16623DL Datasheet HTML 1Page - Texas Instruments 74ACT16623DL Datasheet HTML 2Page - Texas Instruments 74ACT16623DL Datasheet HTML 3Page - Texas Instruments 74ACT16623DL Datasheet HTML 4Page - Texas Instruments 74ACT16623DL Datasheet HTML 5Page - Texas Instruments 74ACT16623DL Datasheet HTML 6Page - Texas Instruments 74ACT16623DL Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54ACT16623, 74ACT16623
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS152A – JANUARY 1991 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The ’ACT16623 are 16-bit transceivers designed
for asynchronous two-way communication between
data buses. The control-function implementation
allows for maximum flexibility in timing.
These devices can be used as two 8-bit
transceivers or one 16-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the output-enable (OEBA and OEAB)
inputs. The output-enable inputs can be used to
disable the device so that the buses are effectively
isolated.
The dual-enable configuration gives the bus transceiver the capability to store data by simultaneously enabling
OEBA and OEAB. Each output reinforces its input in this transceiver configuration. When both control inputs
are enabled and all other data sources to the two sets of bus lines are at high impedance, the bus lines remain
at their last states.
The 74ACT16623 is packaged in TI’s shrink small-outline package, which provides twice the functionality of
standard small-outline packages in the same printed-circuit-board area.
The 54ACT16623 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74ACT16623 is characterized for operation from –40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OEAB
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCC
2B5
2B6
GND
2B7
2B8
2OEAB
1OEBA
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OEBA
54ACT16623 . . . WD PACKAGE
75ACT16623 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT16623DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16623DL TI2-74ACT16623DL Datasheet
221Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16623DLG4 TI-74ACT16623DLG4 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16623DLR TI2-74ACT16623DLR Datasheet
221Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16623DLR.A TI2-74ACT16623DLR.A Datasheet
221Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74ACT16623DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com