Electronic Components Datasheet Search
  English  ▼

X  

PE45451 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE45451
Description  2.92mm Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45451 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE45451 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45451 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45451 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45451 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45451 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45451 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Assembly Instruction
STEP 1 :
Position vertical launch above substrate.
STEP 2:
Insert screws and tighten connector body against the substrate,
while ensuring center pin is centered on the trace or landing pad.
PE45451 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 2.92mm Female Connector Clamp Attachment Vertical Launch PCB, Removable Microstrip
Launch PE45451
2.92mm Female Connector Clamp Attachment Vertical
Launch PCB, Removable Microstrip Launch
PE4 5 4 5 1
RF Conne c t ors
Te c hnic a l Da t a She e t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com