Electronic Components Datasheet Search
  English  ▼

X  

PE45452 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45452
Description  2.92mm Male Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45452 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45452 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45452 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45452 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45452 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45452 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45452 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
• 2.92mm Male Connector
• 50 Ohms
• Straight Body Geometry
• Vertical Launch Interface Type
• Clamp Attachment
Features
• Max. Operating Frequency 40 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Reusable vertical launch installation
Applications
• General Purpose Test
• PCB Applications
• Signal Integrity Measurement
• Chip Evaluations
• SERDES
• Vertical Launch Test Fixtures
.
Description
Pasternack’s PE45452 2.92mm male connector with clamp attachment for vertical launch PCB is part of our full line of RF
components available for same-day shipping. Our 2.92mm male connector operates up to a maximum frequency of 40 GHz
and ofers good VSWR of 1.3:1.
Our 2.92mm male connector PE45452 datasheet speciications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to conigure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly coniguration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.3:1
.
Electrical Speciication Notes:
Actual VSWR performance is largely dependent on circuit board design. For optimal results, the connector and circuit
launch geometry should be modeled using Electromagnetic Simulation tools.
Mechanical Speciications
Size
Length
0.5 in [12.7 mm]
Width/Dia.
0.315 in [8.00 mm]
Height
0.39 in [9.91 mm]
.
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certiications: 2.92mm Male Connector Clamp Attachment Vertical Launch PCB, Removable Stripline
Launch PE45452
PE45452 REV 1.0
2.92mm Male Connector Clamp Attachment Vertical
Launch PCB, Removable Stripline Launch
RF Conne c t ors
Te c hnic a l Da t a She e t
PE4 5 4 5 2


Similar Part No. - PE45452

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4545 PASTERNACK-PE4545 Datasheet
199Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE4545 PASTERNACK-PE4545 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
logo
Pasternack Enterprises,...
PE45450 PASTERNACK-PE45450 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45450 PASTERNACK-PE45450_V01 Datasheet
537Kb / 6P
2.92mm Female Connector
More results

Similar Description - PE45452

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE34737 PASTERNACK-PE34737 Datasheet
269Kb / 1P
CABLE ASSEMBLY PE-SR405FL 2.92mm MALE TO 2.92mm MALE
PE319 PASTERNACK-PE319 Datasheet
336Kb / 4P
2.92mm Male to 2.92mm Male VNA Test Cable, ROHS
PE35591 PASTERNACK-PE35591 Datasheet
235Kb / 4P
2.92mm Male to 2.92mm Male Precision
PE3C1377 PASTERNACK-PE3C1377 Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax
PE45453 PASTERNACK-PE45453 Datasheet
549Kb / 6P
2.92mm Male Connector
logo
Amphenol Corporation
7015-0803 AMPHENOL-7015-0803 Datasheet
74Kb / 1P
2.92mm MALE TO 2.92mm MALE FOR .085 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7015-1096 SVMICROWAVE-7015-1096 Datasheet
82Kb / 1P
2.92mm MALE TO 2.92mm MALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com