Electronic Components Datasheet Search
  English  ▼

X  

PE45455 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE45455
Description  2.4mm Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45455 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE45455 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45455 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45455 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45455 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45455 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45455 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
GHz
VSWR
Test data taken with 2 connectors on both ends of test fixture
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
dB
GHz
Insertion Loss
Test data taken with 2 connectors on both ends of test fixture
PE45455 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 2.4mm Female Connector Clamp Attachment Vertical Launch PCB, Removable Microstrip
Launch PE45455
2.4mm Female Connector Clamp Attachment Vertical
Launch PCB, Removable Microstrip Launch
PE4 5 4 5 5
RF Conne c t ors
Te c hnic a l Da t a She e t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com