Electronic Components Datasheet Search
  English  ▼

X  

D321RP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D321RP
Description  Short Circuit Protected Regulated, 3W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D321RP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D321RP Datasheet HTML 1Page - List of Unclassifed Manufacturers D321RP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change
of 20% to 100%.
2. When measuring output ripple, it is recommended
that an external 0.33 μF ceramic capacitor be placed
from the +Vout pin to the -Vout pin.
3. Operation at no-load will not damage these units.
However, they may not meet all specifications.
4. These do not require external components to operate,
but the use of a low ESR capacitor (approximately
10 uF, ESR <1.0Ω at 100 kHz) mounted close to the
converter input pins is recommended.
5. It is recommended that a fuse be used on the input of
a power supply for protection. See the table above for
the correct rating.
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Mechanical Dimensions
Pin Connections
Capacitive
Load
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Pin
Function
1+Vin
2NC
3NC
9NC
10
-Vout
11
+Vout
12
-Vin
NC: No Connection
μF Max
470
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D301RP
5
4.5 - 5.5
895
90
5.0
600.0
60.0
67
1,500
D302RP
5
4.5 - 5.5
895
90
9.0
333.0
33.0
67
1,500
D303RP
5
4.5 - 5.5
833
90
12.0
250.0
25.0
72
1,500
D304RP
5
4.5 - 5.5
833
90
15.0
200.0
20.0
72
1,500
D305RP
5
4.5 - 5.5
857
90
24.0
125.0
12.5
70
1,500
D311RP
12
10.8 - 13.2
373
60
5.0
600.0
60.0
67
700
D312RP
12
10.8 - 13.2
373
60
9.0
333.0
33.0
67
700
D313RP
12
10.8 - 13.2
347
60
12.0
250.0
25.0
72
700
D314RP
12
10.8 - 13.2
347
60
15.0
200.0
20.0
72
700
D315RP
12
10.8 - 13.2
357
60
24.0
125.0
12.5
70
700
D321RP
24
21.6 - 26.4
192
30
5.0
600.0
60.0
65
350
D322RP
24
21.6 - 26.4
192
30
9.0
333.0
33.0
65
350
D323RP
24
21.6 - 26.4
179
30
12.0
250.0
25.0
70
350
D324RP
24
21.6 - 26.4
179
30
15.0
200.0
20.0
70
350
D325RP
24
21.6 - 26.4
174
30
24.0
125.0
12.5
72
350
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com