Electronic Components Datasheet Search
  English  ▼

X  

BSP52T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BSP52T1
Description  MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSP52T1 Datasheet(HTML) 2 Page - ON Semiconductor

  BSP52T1 Datasheet HTML 1Page - ON Semiconductor BSP52T1 Datasheet HTML 2Page - ON Semiconductor BSP52T1 Datasheet HTML 3Page - ON Semiconductor BSP52T1 Datasheet HTML 4Page - ON Semiconductor BSP52T1 Datasheet HTML 5Page - ON Semiconductor BSP52T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSP52T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
90
—
Vdc
Emitter-Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
—
Vdc
Collector-Emitter Cutoff Current
(VCE = 80 Vdc, VBE = 0)
ICES
—
10
µAdc
Emitter-Base Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
—
10
µAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
hFE
1000
2000
—
—
—
Collector-Emitter Saturation Voltage
(IC = 500 mAdc, IB = 0.5 mAdc)
VCE(sat)
—
1.3
Vdc
Base-Emitter On Voltage
(IC = 500 mAdc, IB = 0.5 mAdc)
VBE(on)
—
1.9
Vdc
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com