Electronic Components Datasheet Search
  English  ▼

X  

LMV242LD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV242LD
Description  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242LD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV242LD Datasheet HTML 1Page - National Semiconductor (TI) LMV242LD Datasheet HTML 2Page - National Semiconductor (TI) LMV242LD Datasheet HTML 3Page - National Semiconductor (TI) LMV242LD Datasheet HTML 4Page - National Semiconductor (TI) LMV242LD Datasheet HTML 5Page - National Semiconductor (TI) LMV242LD Datasheet HTML 6Page - National Semiconductor (TI) LMV242LD Datasheet HTML 7Page - National Semiconductor (TI) LMV242LD Datasheet HTML 8Page - National Semiconductor (TI) LMV242LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Bond Pad mechanical Dimensions
X/Y Coordinates
Pad Size
Signal Name
Pad Number
X
Y
X
Y
Out 1
1
−281
617
92
92
Out 2
2
−281
490
92
92
Comp2
3
−281
363
92
92
V
DD
4
−281
236
92
92
RF
IN
5
−281
−617
92
92
V
RAMP
6
281
−617
92
92
TX_EN
7
281
−360
92
92
BS
8
281
−118
92
92
Comp1
9
281
20
92
92
GND
10
281
187
92
92
Note: Dimensions of the bond pad coordinates are in µm Origin of the coordinates: center of the die Coordinates refer to the center of the bond pad
Pin Descriptions
Pin
Name
Description
Power Supply
4
V
DD
Positive Supply Voltage
10
GND
Power Ground
Digital Inputs
7
TX_EN
Schmitt-triggered logic input. A LOW shuts down the whole
chip for battery saving purposes. A HIGH enables the chip.
8
BS
Schmitt-triggered Band Select pin. When BS = H, channel 1
(OUT1) is selected, when BS = L, channel 2 (OUT2) is
selected.
Analog Inputs
5
RF
IN
RF Input connected to the Coupler output with optional
attenuation to measure the Power Amplifier (PA) / Antenna
RF power levels.
6V
RAMP
Sets the RF output power level. The useful input voltage
range is from 0.2V to 1.8V, although voltages from 0V to V
DD
are allowed.
Compensation
9
Comp1
Connects an external RC network between the Comp1 pin
and the Comp2 pin for an overall loop compensation and to
control the closed loop frequency response. Conventional
loop stability techniques can be used in selecting this
network, such as Bode plots. A good starting value for the
RC combination will beC=68pFandR=0
Ω.
3
Comp2
Frequency compensation pin. The BS signal switches this pin
either to OUT1 or to OUT2.
Output
1
Out1
This pin is connected to the PA of either channel 1 or
channel 2.
2
Out2
Note: 1. All inputs and outputs are referenced to GND (pin 10).
2. For the digital inputs, a LOW is < 0.8V and a HIGH is > 1.8V.
3. RF power detection is performed internally in the LMV242 and only an RF power coupler with optional extra attenuation has to be used.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com