Electronic Components Datasheet Search
  English  ▼

X  

SS315SMA Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SS315SMA
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SS315SMA Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SS315SMA Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SS315SMA Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SS315SMA Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
3A/SMA Series
www.yint.com.cn
Rev:19.3
1
3A/SMA Series
◆
Electrical Characteristics
TYPE
I(AV)
VRRM
IFSM
VFM
I RM @ VRRM
I RM @ VRRM
Operating
Temperature
Range
Case Style
@IRM
VFM
I(AV)
TA=25℃
TA=100℃
A
V
A
V
A
mA
mA
℃
SS32 SMA
3.0
20
50
0.50
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS33 SMA
3.0
30
50
0.50
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS34 SMA
3.0
40
50
0.50
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS35 SMA
3.0
50
50
0.70
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS36 SMA
3.0
60
50
0.70
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS38 SMA
3.0
80
50
0.85
3.0
0.5
1.0
-55~125
SMA/DO-214AC
SS310 SMA
3.0
100
50
0.85
3.0
0.5
1.0
-55~125
SMA/DO-214AC
*SS315 SMA
3.0
150
50
0.90
3.0
0.5
1.0
-55~125
SMA/DO-214AC
*SS320 SMA
3.0
200
50
0.90
3.0
0.5
1.0
-55~125
SMA/DO-214AC
●
I(AV) ……
Average Forward Rectified Current
正向平均整流电流
●
IRM ……
Maximum Reverse Leakage Current
最大反向漏电流
●
IRRM ……
Repetitive Peak Reverse Current
重复峰值反向电流
●
IRSM ……
Maximum Non-repetitive Reverse Peak Current
最大反向不重复峰值电流
●
VFM ……
Maximum Forward Voltage
最大正向电压
●
VFR ……
Forward Recovery Voltage
正向恢复电压
●
VRRM ……
Maximum Repetitive Peak Reverse Voltage
重复峰值反向电压
General Description
Schottky (Schottky) diode is also known as Schottky barrier Rectifiers
(SBR),) has been in the power supply industry for 25 years, it is a
low-power, ultra-high speed semiconductor devices, widely used in
switching power supplies, frequency converters, Driver circuit, such as
high frequency, low voltage, high current rectifier diode, continuous
current diode, protection diode, or microwave communication circuit as
rectifier diode, small signal detector diode.
FEATURES
●Compact package, easy to install
●Efficient overvoltage protection device
●Ultra-low forward pressure drop
●Ideal products for High Frequency Circuits
●Comply with relevant welding international standard MIL-STD-202


Similar Part No. - SS315SMA

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS315SMB GXELECTRONICS-SS315SMB Datasheet
330Kb / 2P
SCHOTTKY BARRIER RCTIFIER
logo
Microdiode Semiconducto...
SS315SMB CHENDA-SS315SMB Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 3.0Amperes
logo
Shanghai Yint Electroni...
SS315SMB YINT-SS315SMB Datasheet
520Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
SS315SMB YINT-SS315SMB Datasheet
487Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
SS315SMB YINT-SS315SMB Datasheet
453Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS315SMA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com