Electronic Components Datasheet Search
  English  ▼

X  

60V Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 60V
Description  Polymer PTC Resettable 60V Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

60V Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  60V Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 60V Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 60V Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 60V Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
60V Series
www.yint.com.cn
Rev:19.3
1
Polymer PTC Resettable 60V Series
Features:
●
RoHS Compliant & Halogen Free
●
Radial leaded Devices
●
Cured,flame retardant epoxy polymer insulating material meets UL94V-0 requirements
●
Operation Current: 0.05A~5A ,Maximum Voltage: 60Vdc,Operating Temperature:-40℃TO 85℃
Product Dimensions
Pig1
Pig2
Unit :mm
Model
Dimensions(mm)
Lead material
Shape
A(max)
B(max)
C(max)
D(typ)
Tinned matel(mm)
Fig
60V-005
5.0
8.5
3.0
5.1
24AWG/Φ0.5
1
60V-010
5.5
9.5
3.0
5.1
24AWG/Φ0.5
1
60V-017
7.4
12.7
3.0
5.1
24AWG/Φ0.5
1
60V-020
7.4
12.7
3.0
5.1
24AWG/Φ0.5
1
60V-025
7.4
12.7
3.0
5.1
24AWG/Φ0.5
1
60V-030
7.4
13.0
3.0
5.1
24AWG/Φ0.5
1
60V-040
7.8
16.2
3.0
5.1
24AWG/Φ0.5
1
60V-050
7.8
16.2
3.0
5.1
24AWG/Φ0.5
1
60V-065
9.7
17.8
3.0
5.1
22AWG/Φ0.6
1
60V-075
10.4
18.4
3.0
5.1
22AWG/Φ0.6
1
60V-090
11.7
18.4
3.0
5.1
22AWG/Φ0.6
1
60V-110
13.0
18.0
3.0
5.1
20 AWG/Φ0.8
2
60V-135
14.5
19.6
3.0
5.1
20 AWG/Φ0.8
2
60V-160
16.3
21.3
3.0
5.1
20 AWG/Φ0.8
2
60V-185
17.8
22.9
3.0
5.1
20 AWG/Φ0.8
2
60V-200
17.8
22.9
3.0
5.1
20 AWG/Φ0.8
2
60V-250
21.3
26.4
3.0
10.2
20 AWG/Φ0.8
2
60V-300
21.3
26.4
3.0
10.2
20 AWG/Φ0.8
2
60V-375
28.5
33.5
3.0
10.2
20 AWG/Φ0.8
2
60V-500
28.5
33.5
3.0
10.2
20 AWG/Φ0.8
2
Note: ① Dimensions A, B, C is the maximum size, D values are typical tolerance of ± 0.50mm


Similar Part No. - 60V

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
60V HUAAN-60V Datasheet
181Kb / 3P
60V Series
logo
List of Unclassifed Man...
60VDCKIT ETC2-60VDCKIT Datasheet
79Kb / 1P
General Accessories DC Voltage Kits
logo
Tyco Electronics
60VK6 MACOM-60VK6 Datasheet
481Kb / 4P
General Purpose RFI Power Line Filters-Ideal for High Impedance Load
60VK6 MACOM-60VK6 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
60VK6 TEC-60VK6 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results

Similar Description - 60V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
logo
Thinking Electronic Ind...
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
Polymer PTC Resettable Fuse
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
logo
Shanghai Yint Electroni...
PPTC600V YINT-PPTC600V Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
PPTC250V YINT-PPTC250V Datasheet
489Kb / 4P
Polymer PTC Resettable 250V Series
PPTC130V YINT-PPTC130V Datasheet
437Kb / 3P
Polymer PTC Resettable 130V Series
PPTC30V YINT-PPTC30V Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
PPTC16V YINT-PPTC16V Datasheet
556Kb / 4P
Polymer PTC Resettable 16V Series
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005_V01 Datasheet
366Kb / 5P
Resettable Fuse PTC 60V Series
JK60-005 HUAXINAN-JK60-005 Datasheet
367Kb / 5P
Resettable Fuse PTC 60V Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com