Electronic Components Datasheet Search
  English  ▼

X  

PT2475 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2475
Description  1.2A Quad H-Bridge Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2475 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2475 Datasheet HTML 1Page - Princeton Technology Corp PT2475 Datasheet HTML 2Page - Princeton Technology Corp PT2475 Datasheet HTML 3Page - Princeton Technology Corp PT2475 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT2475
V1.2
2
February 2019
APPLICATION CIRCUIT
OSC
CHARGE PUMP
VDD
Control Logic
Bridge 1 and 2
PHASE1
I01
I11
PHASE2
I02
I12
-
+
SENSE1
÷3
VREF1
PWM Latch
Blanking
-
+
SENSE2
÷3
VREF2
PWM Latch
Blanking
Control Logic
Bridge 1 and 2
PHASE3
I03
I13
PHASE4
I04
I14
-
+
SENSE3
÷3
VREF3
PWM Latch
Blanking
-
+
SENSE4
÷3
VREF4
PWM Latch
Blanking
GATE
DRIVER
OUT1A
OUT1B
SENSE1
OUT2A
OUT2B
SENSE2
VBB1
VBB1
DMOS
FULL-BRIDGE 1
DMOS
FULL-BRIDGE 2
GATE
DRIVER
VCP
VCP
SENSE1
SENSE2
DMON
FULL-BRIDGE 3
DMON
FULL-BRIDGE 4
OUT3A
OUT3B
VBB2
OUT4A
OUT4B
SENSE3
SENSE4
SENSE3
SENSE4
VBB2
0.1uF
50V
0.1uF
50V
100 uF
50V
0.22uF
50V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com