Electronic Components Datasheet Search
  English  ▼

X  

4D-13 Datasheet(PDF) 4 Page - Shanghai Yint Electronic Co., Ltd

Part # 4D-13
Description  MF72 power direct heat type negative temperature coefficient thermistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

4D-13 Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

  4D-13 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd 4D-13 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
值 得 信 赖 的 电 子 电 路
Negative Temperature Coefficient 负温度系数热敏电阻
过 电 流 过 电 压 保 护 专 家
Model No:
MF72 功率型热敏电阻系列
NOTE: ALL DATA AND SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
ALL PRODUCTS COMPATIBLE WITH ROHS
更多详细信息请登陆
www.yint.com.cn
存储条件
Storage condition
存贮环境条件
温度
Temperature
-10℃~+40℃
湿度
Humidity
≤
70%RH
期限
Term
≤
6 months (先进先出 First-in/ First-out)
地点
Place
1.不要暴露在下列环境条件下,否则将导致性能衰退或
参数漂移
Do not exposing the components to the following
conditions, otherwise, it may result in deterioration of
characteristics
2. 腐蚀性或易氧化气体Corrosive gas or deoxidizing
gas
3. 易燃易爆气体Flammable and explosive gases
4. 油、水和化学溶液Oil, water and chemical liquid
5. 太阳光下Under the sunlight
请不要在下列条件下使用本元件,否则将可能导致性能衰退或产品损毁,甚至引起
火灾。
Do not apply the components under the following conditions, otherwise, it may result
in deterioration of characteristics,destruction of components orin the worst case,to
catching fire
超过最大的工作电流
Exceeding Imax
超过许可工作温度范围
Exceeding rated temperature range
散热不良,由于散热不良,本元件可能因部分过热而导致破坏
Inferior thermal dissipation,Due to badly inferior thermal dissipation, some part of
the components body will become overheated and then be damaged
产品性能
properties of products
机械性能MECHANICAL CHARACTERISTICS
指标项目
Item
技术要求
Specification
测试条件/方法
Test Conditions & Methods
可焊性Solder-ability
浸润部分上锡均匀,上锡面积≥
95%
The terminals shall
beuniformly tinned, and its
area≥95%
将引出端沾助焊剂后,浸入到温度为240-245℃、深度为15mm 的锡
槽中锡面距NTC 本体下端6mm 处,持续2-3秒。(参见IEC68-2-20
/GB2423.28 试验Ta)
Dipping the NTC terminals to a depth of 15mm in a solderingbath
of 240-245℃ and to the place of 6mm far from NTCbody for2-3s
(See IEC68-2-20 /GB2423.28 Ta )
耐焊接热
Resistance To
Soldering Heat
无可见损伤
No visible mechanical
damage.ΔR/RN ≤20%
(ΔR =∣RN-RN'∣)
根据IEC68-2-20(GB2423 .28)试验Tb 进行试验。采用焊槽法,将
引出端沾助焊剂后,浸入到温度为265±5℃、深度为15mm 的锡槽中,
锡面距NTC 本体下端6mm处,维持10±1 秒. 在25±2℃条件下恢复4
-5h 后,复测额定零功率电阻RN'.
Dipping the NTC terminals to a depth of 15mm in a soldering
bath of 265±5℃ and to the place for 6mm below from NTC body
for 10±1s.After recovering4-5h under 25±2℃. The rated zero



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com