Electronic Components Datasheet Search
  English  ▼

X  

7D-13 Datasheet(PDF) 5 Page - Shanghai Yint Electronic Co., Ltd

Part # 7D-13
Description  MF72 power direct heat type negative temperature coefficient thermistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

7D-13 Datasheet(HTML) 5 Page - Shanghai Yint Electronic Co., Ltd

  7D-13 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd 7D-13 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
值 得 信 赖 的 电 子 电 路
Negative Temperature Coefficient 负温度系数热敏电阻
过 电 流 过 电 压 保 护 专 家
Model No:
MF72 功率型热敏电阻系列
NOTE: ALL DATA AND SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
ALL PRODUCTS COMPATIBLE WITH ROHS
更多详细信息请登陆
www.yint.com.cn
power resistance value RN' shall be measured. (See IEC68-2-20
/GB2423.28 Tb)
引出端强度
Strength of lead
terminal
无损坏
No break out
ΔR/RN ≤20%
(ΔR =∣RN-RN'∣)
根据IEC68-2-21(GB2423 .29)试验U 进行试验。
试验 Ua:拉力10N,持续10 S;
试验 Ub:弯曲90°,拉力5N,持续10 S;
扭转 180°,拉力5N,持续10 S。
在 25±2℃条件下恢复4~5 h 后,复测额定零功率电阻RN'
Fasten the body and apply a force gradually to each lead until
10N and then keep for 10sec, Hold body and apply a force to
each lead until 90°slowly at 5N in the direction of lead axis
and then keep for 10sec, and do this in the opposite direction
repeat for other terminal. After recovering 4~5h under 25±
2℃, the rated zero power resistance value RN' shall be
measured.
(See IEC68-2-21/GB2423.29 Ua / Ub)
电气性能ELECTRICAL CHARACTERISTICS
指标项目Item
技术要求Specification
测试条件/方法Test Conditions & Methods
额定零功率电阻
Rated Zero-Power
Resistance
RN (Ω)
20±20%
环境温度 TA: 25℃±1℃
测试电压: 1.5VDC
在恒温TA 条件下,放置1~2 小时后测得阻值RN。
Ambient temp. Range:25℃±1℃(TA).
Testing voltage: 1.5VDC
After placing for 1~2 hours under TA, the resistance value
shall be measured
热耗散系数δ(mW/℃)
Thermal Dissipation
Constant
≥6
在特定的环境温度下,热耗散系数(δ)为热敏电阻电功率消耗(ΔP)
与本体温度变化量 (ΔT)的比值.
The thermal dissipation constant(δ) could be calculated by
the ratio of a change in power dissipation(ΔP) of the
thermistor to a change in temperature(ΔT) of the thermistor
at a specified ambient temperature
热时间常数τ(s)
Thermal Time Constant
≤20
热时间常数(τ)为在零功率条件下,热敏电阻的温度下降到其
最初温度与最终温度之差为63.2% 时所需要的时间
The time(τ shall be measured within which the temperature
change of NTC thermistor is reached at 63.2% of the ambient
temperature change under zero power condition
材料常数
Material Constant B
2800±10%
B=T1T2/( T2- T1) ×
Ln
(R1/R2)
R1 , R2 分别为 T1 , T2 温度下的零功率电阻
R1 , R2 is zero-power resistance at T1 , T2
T1 = 298.15 K(25℃) T2 = 323.15 K(50℃)
最大稳态电流(A)
Max.Steady State
Current
无可见损伤
visible mechanical
damage.
ΔRN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度:25℃±2℃Ambient temp. Range.
测试电流0.5A Testing Current
可靠性试验(周期性检测项目)Reliability Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com