Electronic Components Datasheet Search
  English  ▼

X  

10D-13 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 10D-13
Description  MF72 power direct heat type negative temperature coefficient thermistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

10D-13 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  10D-13 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd 10D-13 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
值 得 信 赖 的 电 子 电 路
Negative Temperature Coefficient 负温度系数热敏电阻
过 电 流 过 电 压 保 护 专 家
Model No:
MF72 功率型热敏电阻系列
NOTE: ALL DATA AND SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
ALL PRODUCTS COMPATIBLE WITH ROHS
更多详细信息请登陆
www.yint.com.cn
MF72 功率型 直热式负温度系数热敏电阻器
MF72 power direct heat type negative temperature coefficient thermistor
产品特点
Feature of Power Thermistor
1 应用范围
○转换电源,开关电源,
UPS 电源
○镇流器及各类加热器
○各类显像管,显示器
○电子节能灯,其他照明灯具
Appliaction
○
Switching power-supply,switch power,ups power
○
Electronic energy saving lamps electronic ballast
and allkinds of electric heater
○
All kinds of RT,display
○
Bulb and other lighting lamps
2 特点
○体积小,功率大,抑制浪涌电流能力强
○反应速度快
○材料常数(
B 值)大,残余电阻小
○寿命长,可靠性高
○系列全,应用范围宽
Characteristic
○
Small size,large power,strong capacity of
suppression of inrush current
○
Fast resporse
○
Big material constant(B value),small residual
resistance
○
Long life and high reliability
○
Complete series,wide applications
引线形状和产品尺寸
Lead Style and Product Size
型号
/尺寸(mm)/代号
Dmax
Tmax
Фd±0.05
F
1±1
F
2±1.5
直引线
L min
弯引线
&直引线
L
1 ±1
L
2±2
NTC□D-5
7
5
0.55
5
3
15
3.5-17
7/4
NTC□D-7
9
5
0.55
5
3
15
3.5-17
7/4
NTC□D-9
11
5.5
0.75/0.55
7.5/5
5/3
15
3.5-17
7/4
NTC□D-11
13
5.5
0.75/0.55
7.5/5
5/3
15
3.5-17
7/4
NTC□D-13
15.5
6
0.75
7.5
5
15
3.5-17
7/4
NTC□D-15
17.5
6
0.75
10/7.5
5
15
17/5
7/4
NTC□D-20
22.5
7
0.95
10
/
15
/
/
备注
:□为额定零功率电阻值□
Rated zero‐power resistance


Similar Part No. - 10D-13

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
10D-13 LEIDITECH-10D-13 Datasheet
3Mb / 24P
NTC Specification
10D-13 LEIDITECH-10D-13 Datasheet
2Mb / 24P
NTC Specification
More results

Similar Description - 10D-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF72-D5 ETC2-MF72-D5 Datasheet
981Kb / 6P
MF72 Power NTC Thermistor
logo
KOA Speer Electronics, ...
NT731J KOA-NT731J Datasheet
90Kb / 2P
negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
Negative Tempco Thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
negative tempco thermistor
logo
Tyco Electronics
1458615 MACOM-1458615 Datasheet
122Kb / 3P
Negative Temperature Coefficient Chip Thermistors
NTC0805J10K MACOM-NTC0805J10K Datasheet
122Kb / 3P
Negative Temperature Coefficient Chip Thermistors
logo
NIC-Components Corp.
NCT04EJ103H400TRF NIC-NCT04EJ103H400TRF Datasheet
87Kb / 3P
NEGATIVE TEMPERATURE COEFFICIENT
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
Temperature coefficient is negative and variety linear over the operation temperature
logo
Murata Manufacturing Co...
GRM0332C1E6R2DA01 MURATA-GRM0332C1E6R2DA01 Datasheet
43Kb / 1P
Temperature coefficient
GRM0332C1E6R2WA01 MURATA-GRM0332C1E6R2WA01 Datasheet
49Kb / 1P
Temperature coefficient
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com