Electronic Components Datasheet Search
  English  ▼

X  

5D-15 Datasheet(PDF) 6 Page - Shanghai Yint Electronic Co., Ltd

Part # 5D-15
Description  MF72 power direct heat type negative temperature coefficient thermistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5D-15 Datasheet(HTML) 6 Page - Shanghai Yint Electronic Co., Ltd

  5D-15 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd 5D-15 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
值 得 信 赖 的 电 子 电 路
Negative Temperature Coefficient 负温度系数热敏电阻
过 电 流 过 电 压 保 护 专 家
Model No:
MF72 功率型热敏电阻系列
NOTE: ALL DATA AND SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
ALL PRODUCTS COMPATIBLE WITH ROHS
更多详细信息请登陆
www.yint.com.cn
指标项目
Item
技术要求
Specification
测试条件/方法
Test Conditions & Methods
温度循环测试
Temp. Cycling Testing
无可见损伤
No visible mechanical
damage.
ΔRN / RN ≤20%
(ΔR =∣RN-RN'∣)
在 Ta=-40±3℃和Tb=200±3℃的环境温度中各存放30 分钟, 循环
5 次.每次高低温循环都有在25±2℃的环境中过渡5 分钟。样品进
行温度循环测试后,取出放置室温(25±2℃)
4~5 小时后测量零功率电阻RN'.
Ta:-40±3℃/ 30min→25±2℃/ 5min→ Tb:200±3℃/ 30min→25
±2℃/ 5min Cycles: 5times After recovering 4~5 h under 25
±2℃,the rated zero power resistance value RN' shall be
measured.
电循环测试
Electrical Cycling
Testing
无可见损伤
No visible mechanical
damage.
ΔRN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度:25℃±2℃.
循环次数: 1,000 次
通/断: 1 分钟 / 5 分钟
测试电流:1.0A
样品置于室温(25±2℃)4~5 小时后,测量其零功率电阻RN'.
Ambient temp. Range:25℃±2℃.
Cycles: 1,000times On / Off: 1m / 5m
Test Current 1.0A
After recovering 4~5h under 25±2℃, the rated zero power
resistance value RN' shall be measured.
持久性测试
LoadLife ( Endurance )
Testing
无可见损伤
No visible mechanical
damage.
ΔRN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度:25℃±2℃.样品通过最大工作电流1.0A , 1,000±24 小
时后,取出置于室温(25±2℃)4~5 小时后,测量其零功率电阻RN'.
Ambient temp. Range:25℃±2℃; 6.0A/ 1,000±24h After
recovering 4~5 h under 25±2℃, the ratedzero power resistance
value RN' shall be measured.
耐湿性测试
Humidity Testing
无可见损伤
No visible mechanical
damage.
ΔRN / RN ≤20%
(ΔR =∣RN-RN'∣)
在温度 40±2℃,相对湿度 93±3%的环境中放置 1000±24 小时
后,取出置于室温(25±2℃)4~5 小时后, 测量其零功率电阻RN'.
Ambient temp. range : 40℃±2℃ R.H.:93±3% , Energized
time:1000±24 h After recovering 4~5 h under 25±2℃, the rated
zero power resistance value RN' shall be measured
电压
-电流关系曲线 Graph of Voltage vs. Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com