Electronic Components Datasheet Search
  English  ▼

X  

129NQ Datasheet(PDF) 2 Page - International Rectifier

Part # 129NQ
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

129NQ Datasheet(HTML) 2 Page - International Rectifier

  129NQ Datasheet HTML 1Page - International Rectifier 129NQ Datasheet HTML 2Page - International Rectifier 129NQ Datasheet HTML 3Page - International Rectifier 129NQ Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
129NQ...(R) Series
Bulletin PD-20719 rev. A 03/01
2
T
J
Max.JunctionTemperatureRange
-55to175
°C
T
stg
Max.StorageTemperatureRange
-55to175
°C
R
thJC Max.ThermalResistanceJunction
0.40
°C/W
DC operation
* See Fig. 4
toCase
R
thCS TypicalThermalResistance,Caseto
0.15
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
25.6(0.9) g(oz.)
T
MountingTorque
Min.
40(35)
Non-lubricatedthreads
Max.
58(50)
TerminalTorque
Min.
58(50)
Max.
86(75)
CaseStyle
HALF PAK Module
Thermal-Mechanical Specifications
Parameters
129NQ Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
(1)
1.07
V
@ 120A
* See Fig. 1
1.27
V
@ 240A
0.74
V
@ 120A
0.86
V
@ 240A
I
RM
Max. Reverse Leakage Current (1)
3
mA
T
J =
25 °C
* See Fig. 2
45
mA
T
J = 125 °C
C
T
Max. Junction Capacitance
3000
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
( Rated V
R )
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
129NQ Units
Conditions
Electrical Specifications
I
F(AV) Max.AverageForwardCurrent
120
A
50%dutycycle@T
C = 117° C, rectangular wave form
*SeeFig.5
I
FSM
Max.PeakOneCycleNon-Repetitive
10000
5µs Sineor3µsRect.pulse
SurgeCurrent *SeeFig.7
1200
10msSineor6msRect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
15
mJ
T
J = 25 °C, IAS = 1 Amps, L = 30 mH
I
AR
RepetitiveAvalancheCurrent
1
A
Current decaying linearly to zero in1µsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
129NQ Units
Conditions
Absolute Maximum Ratings
A
Part number
129NQ135
129NQ150
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
135
150
Following any rated
load condition and
with rated V
RRMapplied
(1) Pulse Width < 300µs, Duty Cycle < 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com